Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRW2448D12-60RHC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CRW2448D12-60RHC
Description  60 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CRW2448D12-60RHC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CRW2448D12-60RHC Datasheet HTML 1Page - Wall Industries,Inc. CRW2448D12-60RHC Datasheet HTML 2Page - Wall Industries,Inc. CRW2448D12-60RHC Datasheet HTML 3Page - Wall Industries,Inc. CRW2448D12-60RHC Datasheet HTML 4Page - Wall Industries,Inc. CRW2448D12-60RHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev A
CRW60 SERIES
60 Watt DC/DC Power Converters
06/13/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: CRW60 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
9
Start-Up Voltage
48VDC nominal input models
18
VDC
24VDC nominal input models
8
Shutdown Voltage
48VDC nominal input models
16
VDC
24VDC nominal input models
50
Input Surge Voltage (1sec, max.)
48VDC nominal input models
100
VDC
Input Current
No Load
See Table
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Single Output Models
-0.5
+0.5
Load Regulation
No load to full load
Dual Output Models
-1.0
+1.0
%
Cross Regulation (Dual Output Models) Asymmetrical load 25% / 100% FL
-5.0
+5.0
%
3.3V, 5V, & 12V Output Models
-10
+10
Voltage Adjustability
Single Output Models
15V & 24V Outputs Models
-10
+20
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Measured with a 10µF/25V X7R MLCC
3.3V & 5V Output Models
75
100
Measured with a 10µF/25V X7R MLCC
12V & 15V Output Models
100
125
Ripple & Noise (20MHz BW)
Measured with a 4.7µF/50V X7R MLCC
24V Output Models
150
200
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
60
Start-Up Time
Constant resistive load
Remote On/Off
60
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
150
%
3.3V Output Models
3.9
5V Output Models
6.2
12V Output Models
15
15V Output Models
20
Over Voltage Protection
Zener diode clamp
24 V Output Models
30
VDC
Over Temperature Protection
+115
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
225
250
275
kHz
Input to Output
1600
Isolation Voltage
1 minute
Input (Output) to Case
1600
VDC
Isolation Resistance
500VDC
1
Isolation Capacitance
2200
pF


Similar Part No. - CRW2448D12-60RHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CRW24D12-40 WALL-CRW24D12-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
CRW24D15-40 WALL-CRW24D15-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
CRW24D24-40 WALL-CRW24D24-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
CRW24S05-40 WALL-CRW24S05-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
CRW24S12-40 WALL-CRW24S12-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
More results

Similar Description - CRW2448D12-60RHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR60 WALL-CR60 Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com