Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW100-110S15 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW100-110S15
Description  82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-110S15 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHBW100-110S15 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW100-110S15 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev D
DCHBW100 SERIES
82.5~100.8 Watts
Half-Brick DC/DC Power Converters
Single Output
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 9
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
Notes
HS:
Height H=0.45” Vertical
fin, 7G-0021A-F
HS1:
Height H=0.24” horizontal
fin, 7G-0022A-F
HS2:
Height H=0.24” vertical
fin, 7G-0023A-F
HS3:
Height H=0.45” horizontal
fin, 7G-0024A-F
1. All dimensions in inch (mm)
2. Tolerance: x.xx (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
TERMINAL BLOCK OPTIONS
Terminal Block with Al Base-plate (Suffix T)
Terminal Block with Al Base-plate and EMC
Filter (Suffix TF)
Terminal Block with Anodized Al Base-plate and
EMC Filter (Suffix TF1)
Terminal Block Type
T
TF
TF1
Weight
8.29oz (235g)
9.88oz (280g)
10.12oz (287g)
Dimensions
3.35 x 2.40 x 1.27 inches
(85.0 x 61.0 x 32.3 mm)
3.35 x 2.40 x 1.47 inches
(85.0 x 61.0 x 37.3 mm)
3.35 x 2.40 x 1.53 inches
(85.0 x 61.0 x 38.8 mm)
Thru-Hole (WxL)
2.126 x 3.071 inches (54.00 x 78.00 mm), 4-Ø0.17 inches (Ø4.3mm)
NOTES
1. Terminal block models (suffix “T”, “TF”, and “TF1”) cannot be equipped with a heatsink.
2. Only 0.200” pin length is available with terminal block options.
3. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.


Similar Part No. - DCHBW100-110S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-24S05 WALL-DCHBW100-24S05 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
DCHBW100-24S12 WALL-DCHBW100-24S12 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
DCHBW100-24S15 WALL-DCHBW100-24S15 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
DCHBW100-24S24 WALL-DCHBW100-24S24 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
DCHBW100-24S28 WALL-DCHBW100-24S28 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results

Similar Description - DCHBW100-110S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com