Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHF50W-DD12-B Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHF50W-DD12-B
Description  2:1 Input Voltage Ranges
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHF50W-DD12-B Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHF50W-DD12-B Datasheet HTML 1Page - Wall Industries,Inc. DCHF50W-DD12-B Datasheet HTML 2Page - Wall Industries,Inc. DCHF50W-DD12-B Datasheet HTML 3Page - Wall Industries,Inc. DCHF50W-DD12-B Datasheet HTML 4Page - Wall Industries,Inc. DCHF50W-DD12-B Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. D
DCHF50W Series
50~67.5 Watts
Single, Dual, and Triple Outputs
DC/DC Chassis Mount Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
08/28/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DCHF50W SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12VDC nominal input models
10
12
18
VDC
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
72
110VDC nominal input models
72
110
144
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Adjustment Range
Single Output Models
-10
+10
%
Multi-Output Models: V1
-5
+5
Line Regulation
Full load
-0.5
+0.5
%
Load Regulation
V1
-0.5
+0.5
%
V2,3 (with regulators)
-3
+3
V2,3 (without regulators)
-6
+6
Output Current
See Table
Output Power
See Table
Ripple & Noise
See Table
PROTECTION
Over Load Protection
110
150
%
Short Circuit Protection
Yes
GENERAL SPECIFICATIONS
Efficiency
See Table
Withstand Voltage
Input to Output
All for 1 minute
1000
VDC
Input to FG
1000
Output to FG
500
Isolation Resistance
At 500VDC
100
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10
+50
°C
Operating Humidity (non-condensing)
20
90
% RH
Storage Temperature
-20
+85
°C
Storage Humidity (non-condensing)
20
95
% RH
Cooling Method
Free air convection
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
6.30 x 3.86 x 1.54 inches
(160 x 98 x 39 mm)
Weight
15.5oz (440g)
SAFETY & EMC CHARACTERISTICS
Safety Standards
Design refer to LVD
EMC Standards
Design refer to EN55022, EN61000-4


Similar Part No. - DCHF50W-DD12-B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF500 WALL-DCHF500 Datasheet
261Kb / 5P
   RoHS Compliant
DCHF500W WALL-DCHF500W Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD110-12 WALL-DCHF500W-SD110-12 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD110-24 WALL-DCHF500W-SD110-24 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD110-48 WALL-DCHF500W-SD110-48 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
More results

Similar Description - DCHF50W-DD12-B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com