Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150-48S53 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHB150-48S53
Description  132~196 Watts DC/DC Power Converters Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-48S53 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHB150-48S53 Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-48S53 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev D
DCHB150 SERIES
132~196 Watts
DC/DC Power Converters
Single Output
1/29/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Standard
Terminal Block (“T” Suffix)
Terminal Block w/ EMC Filter (“TF”
Suffix)
Terminal Block w/ EMC Filter (“TF1”
Suffix)
Size: 2.4in x 2.28in x 0.5in
Size: 3.35in x 2.4in x 1.27in
Size: 3.35in x 2.4in x 1.47in
Size: 4in x 3.5in x 3.5in
OPTIONS
FEATURES
Pin Length
Sync Pin
Case Pin
Heatsinks
Thru-Hole Inserts
Negative Logic Remote On/Off
Terminal Block
Terminal Block with EMC Filter
(EN55022 Class A)
Soft Start
2:1 Wide Input Voltage Ranges
132~196 Watts output Power
Single Outputs Ranging from 3.3VDC to 48VDC
Output Current up to 40A
Under Voltage Lockout
Six-Sided Shielding
High Efficiency up to 93%
UL60950-1, EN60950-1, IEC60950-1, &
EN50155 Safety Approvals
No Minimum Load Requirements
Adjustable Output Voltage
Industry Standard Half-Brick Footprint
Remote On/Off Control
Input to Output Basic Insulation: 2250VDC
Threaded Inserts and Thru-Hole Inserts Available
Short Circuit, Over Voltage, Over Current, and Over
Temperature Protection
RoHS II & Reach Compliant
Several Mechanical Options Available
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control Systems
Semiconductor Equipment
Distributed Power
Architectures
Military Applications
The DCHB150 series of DC/DC power converters provides up to 196 Watts of output power in an industry
standard half-brick package and footprint. This series consists of single output models ranging from 3.3VDC
to 48VDC with 2:1 wide input voltage ranges. Some features include high efficiency up to 93%, adjustable
output voltage, positive remote on/off control, and six-sided shielding. These converters also have short
circuit, over voltage, over current, and over temperature protection. The DCHB150 series is RoHS compliant
and has UL60950-1, EN60950-1, IEC60950-1, and EN50155 safety approvals. Several different options are
available for this series including negative remote on/off control, terminal block, pin length, heatsinks, sync
pin, case pin, and thru-hole inserts. Please call factory for more details.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple &
Noise(2) (3)
No Load
Input Current(1)
Output
Power
Maximum
Capacitive Load(4)
Efficiency(2)
Min Load
Max Load
DCHB150-12S3.3
12VDC
(9-22VDC)
3.3 VDC
0mA
40A
75mVp-p
30mA
132W
121000µF
88%
DCHB150-12S05
5 VDC
0mA
28A
75mVp-p
50mA
140W
56000µF
90%
DCHB150-12S12
12VDC
(8.5-22VDC)
12 VDC
0mA
12A
100mVp-p
50mA
144W
10000µF
91%
DCHB150-12S15
15 VDC
0mA
9.5A
100mVp-p
80mA
142.5W
6300µF
91%
DCHB150-12S24
24 VDC
0mA
6A
200mVp-p
60mA
144W
2500µF
90%
DCHB150-12S28
28 VDC
0mA
5A
200mVp-p
60mA
140W
1700µF
91%
DCHB150-12S48
48 VDC
0mA
3A
300mVp-p
80mA
144W
620µF
90%
DCHB150-24S3.3
24VDC
(16.5-36VDC)
3.3 VDC
0mA
40A
75mVp-p
20mA
132W
121000µF
90%
DCHB150-24S05
5 VDC
0mA
30A
75mVp-p
30mA
150W
60000µF
91%
DCHB150-24S12
12 VDC
0mA
13A
100mVp-p
35mA
156W
10800µF
92%
DCHB150-24S15
15 VDC
0mA
10A
100mVp-p
35mA
150W
6600µF
92%
DCHB150-24S24
24 VDC
0mA
6.5A
200mVp-p
35mA
156W
2700µF
93%
DCHB150-24S28
28 VDC
0mA
5.5A
200mVp-p
50mA
154W
1900µF
93%
DCHB150-24S48
48 VDC
0mA
3.3A
300mVp-p
50mA
158.4W
680µF
92%
DCHB150-48S3.3
48VDC
(33-75VDC)
3.3 VDC
0mA
45A
75mVp-p
20mA
148.5W
136000µF
91%
DCHB150-48S05
5 VDC
0mA
34A
75mVp-p
20mA
170W
68000µF
92%
DCHB150-48S12
12 VDC
0mA
16A
100mVp-p
25mA
192W
13300µF
92%
DCHB150-48S15
15 VDC
0mA
13A
100mVp-p
25mA
195W
8600µF
93%
DCHB150-48S24
24 VDC
0mA
8A
200mVp-p
25mA
192W
3300µF
92%
DCHB150-48S28
28 VDC
0mA
7A
200mVp-p
25mA
196W
2500µF
92%
DCHB150-48S48
48 VDC
0mA
4A
300mVp-p
25mA
192W
830µF
92%
DCHB150-48S53
53 VDC
0mA
3.7A
300mVp-p
25mA
196W
690µF
92%


Similar Part No. - DCHB150-48S53

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S12 WALL-DCHB150-12S12 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S15 WALL-DCHB150-12S15 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S24 WALL-DCHB150-12S24 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S28 WALL-DCHB150-12S28 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
More results

Similar Description - DCHB150-48S53

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com