Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW200-48S48 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW200-48S48
Description  165~240 Watts, Half-Brick DC/DC Power Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW200-48S48 Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button DCHBW200-48S48 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 9Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 10Page - Wall Industries,Inc. DCHBW200-48S48 Datasheet HTML 11Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev K
DCHBW200 SERIES
165~240 Watts, Half-Brick DC/DC Power
Converters
07/18/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 12
PRODUCT OPTIONS
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
TERMINAL BLOCK OPTIONS
Wall Mounted (Suffix T)
Wall Mounted with EMC Filter (Suffix TF)
Wall Mounted with EMC Filter (Suffix TF1)
Terminal Block
Type
T
TF
TF1
Weight
8.29oz (235g)
9.88oz (280g)
10.12oz (287g)
Dimensions
3.35 x 2.40 x 1.27 inches (85.0 x 61.0 x 32.3
mm)
3.35 x 2.40 x 1.47 inches (85.0 x 61.0 x 37.3
mm)
3.35 x 2.40 x 1.53 inches (85.0 x 61.0 x 38.8
mm)
Thru-Hole (WxL)
2.126 x 3.071 inches (54.00 x 78.00 mm), 4-Ø0.17 inches (Ø4.3mm)
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. No “SY” or “CP” function for terminal block type.


Similar Part No. - DCHBW200-48S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200-48S05 WALL-DCHBW200-48S05 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200-48S12 WALL-DCHBW200-48S12 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200-48S15 WALL-DCHBW200-48S15 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200-48S24 WALL-DCHBW200-48S24 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200-48S3.3 WALL-DCHBW200-48S3.3 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
More results

Similar Description - DCHBW200-48S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com