Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHF300W-SD110-24 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHF300W-SD110-24
Description  2:1 Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHF300W-SD110-24 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHF300W-SD110-24 Datasheet HTML 1Page - Wall Industries,Inc. DCHF300W-SD110-24 Datasheet HTML 2Page - Wall Industries,Inc. DCHF300W-SD110-24 Datasheet HTML 3Page - Wall Industries,Inc. DCHF300W-SD110-24 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B
DCHF300W Series
300W, Single Outputs
2:1 Input Voltage Range
DC/DC Chassis Mount Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/01/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage
Output Voltage Output Current
Ripple & Noise
Output Power
Efficiency
DCHF300W-SD48-12
12 VDC
25 A
120mVp-p
300W
82%
DCHF300W-SD48-15
15 VDC
20 A
150mVp-p
300W
83%
DCHF300W-SD48-24
24 VDC
12.5 A
200mVp-p
300W
85%
DCHF300W-SD48-48
48 VDC
(36 - 72 VDC)
48 VDC
6.3 A
200mVp-p
302.4W
88%
DCHF300W-SD110-12
12 VDC
25 A
120mVp-p
300W
82%
DCHF300W-SD110-15
15 VDC
20 A
150mVp-p
300W
83%
DCHF300W-SD110-24
24 VDC
12.5 A
200mVp-p
300W
85%
DCHF300W-SD110-48
110 VDC
(72 - 144 VDC)
48 VDC
6.3 A
200mVp-p
302.4W
88%
MECHANICAL DRAWING
Unit: inches (mm)
4-M4
1.28 (32.5)
5.91 (150)
8.46 (215)
1.08 (27.5)
6.99 (177.5)
1.91 (48.5)
1.28 (32.5)
5.91 (150)
4-M4
0.33
(8.5)
6 -M3
4.63 (117.5)


Similar Part No. - DCHF300W-SD110-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
DCHF30W-DD110-A WALL-DCHF30W-DD110-A Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
DCHF30W-DD110-B WALL-DCHF30W-DD110-B Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
DCHF30W-DD24-A WALL-DCHF30W-DD24-A Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
DCHF30W-DD24-B WALL-DCHF30W-DD24-B Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results

Similar Description - DCHF300W-SD110-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
DCHF700W WALL-DCHF700W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
DCHF350 WALL-DCHF350 Datasheet
263Kb / 5P
   2:1 Input Voltage Range
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
   2:1 Wide Input Voltage Range
logo
Recom International Pow...
RW2 RECOM-RW2 Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
logo
Wall Industries,Inc.
CG24S2.5-6000 WALL-CG24S2.5-6000 Datasheet
230Kb / 9P
   Single Output 2:1 Input Voltage Range
logo
XP Power Limited
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
   2 1 Input Range
SF_JCK15 XPPOWER-SF_JCK15 Datasheet
287Kb / 2P
   2:1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com