Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9217A Datasheet(PDF) 2 Page - Keysight Technologies

Part No. M9217A
Description  PXIe Single-Slot 2-Channel Isolated Digitizer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9217A Datasheet(HTML) 2 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Introduction
The Keysight Technologies, Inc. M9217A is a PXI Express based, single-slot 2-channel, isolated
digitizer that supports up to ±256 V input voltage at 20 MSa/s sampling rate with 16-bit resolution.
With its built-in peak voltage protection of up to 400 V, the M9217A is ideal for analyzing high-voltage
and transient signals as seen in automotive, mechatronics and aerospace defense applications.
Key Features
– ±256 V input voltage
– 2-channel isolated, with ADCs per channel, simultaneously sampled channels
– 20 MSa/s sampling rate at 16-bit resolution
– Built-in 400 V peak voltage protection
– Single PXI express slot
– PXI trigger types supported: PXI TTL / trigger and PXI Star trigger
– IVI-COM, IVI-C, LabVIEW G drivers


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn