Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9217A Datasheet(PDF) 7 Page - Keysight Technologies

Part No. M9217A
Description  PXIe Single-Slot 2-Channel Isolated Digitizer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9217A Datasheet(HTML) 7 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
07 | Keysight | M9217A PXIe Single-Slot 2-Channel Isolated Digitizer - Data Sheet
Dynamic characteristic (typical)
Source
SFDR dBc
THD dBc
250 mV
71
79
500 mV
77
83
1 V
81
85
2 V
85
82
4 V
70
80
Noise power ( typical)
Range
Noise voltage1
V
rms
Equivalent2
S/N dB
250 mV
0.5 mV
51
0.5 mV
0.55 mV
55
1 V
0.6 mV
60
2 V
0.9 mV
63
4 V
4 mV
56
8 V
6.5 mV
58
16 V
8.5 mV
61
32 V
11 mV
65
64 V
60 mV
56
128 V
94 mV
58
256 V
120 mV
62
1. 50 Ω source resistance.
2. For -1 dB of full scale range
AC flatness (DC-4 MHz) typical
250 mV, 500 mV,
1 V, 2 V
< 0.3 dB relative to 20 kHz
4 V, 8 V, 16 V, 32 V < 0.5 dB relative to 20 kHz
128 V
< 1.2 dB relative to 20 kHz
Waveform memory
Data memory standard1
32 Msa/ch
Random access to readings in multiple record mode Capture multiple records from single trigger
source
1. Nominal values. Specific sample max is 30,000,000
Waveform measurements
Voltage
Peak-to-peak, Minimum, Maximum, High (Top), Low (Base), Amplitude, RMS,
Cycle RMS, Average, Cycle Average, Overshoot, Preshoot
Time
Rise, Fall, Frequency, Period, Positive Width, Negative Width, Positive Duty
Cycle, Negative Duty Cycle
Utilities
Calibration cycle
1 year
Measured for input of 1 Mhz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn