Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9217A Datasheet(PDF) 6 Page - Keysight Technologies

Part No. M9217A
Description  PXIe Single-Slot 2-Channel Isolated Digitizer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9217A Datasheet(HTML) 6 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
06 | Keysight | M9217A PXIe Single-Slot 2-Channel Isolated Digitizer - Data Sheet
Trigger
Each trigger event causes acquisition of data into a single record at the configured sample rate. The
number of data records is configurable from 1 to 1024.
Source
Description
Immediate
Trigger at initiation of acquisition,
External
SMD connector, TTL input edge (rising edge)
PXI_Trig[0:7], PXI_STAR
PXI connector XJ4 , TTL input edge (rising edge)
DSTARB
PXIe connector XJ3, TTL input edge (rising edge)
Software
Instrument command
Channel/edge
Selectable level, rising/falling, hysteresis.
Channel/window
Selectable high and low levels, leaving/entering.
Sampling
Programmable sample rates
1 kSa/s, 2 kSa/s, 5 kSa/s, 10 kSa/s, 50 kSa/s, 100 kSa/s, 200 kSa/s,
500 kSa/s, 1 MSa/s, 2 MSa/s, 5 MSa/s, 10 MSa/s, 20 MSa/s
External event output
Trigger
Output signal
TTL ( rising edge )
Impedance
25 or 50 Ω
Pulse width
1 µs
Trigger modes
Record length
2 to 32 million samples
Pre trigger
0 to record length -1
Post trigger
Record length-pre-trigger
Timestamp triggered event
Continuous running timestamp
Timestamp resolution
10 ns
Trigger delay
0 – 3600 s with 50 ns resolution
Trigger hold-off
0 – 10 s with 50 ns resolution
Trigger latency1
50 ns
1. Latency between edge trigger detection and first trigger sample.
Accuracy
DC accuracy
Total specification (% of reading + % of range)
23 °C ±5%
Range
±% of reading
±% of range
250 mV
0.1
0.3
500 mV
0.1
0.2
1 V, 2 V
0.1
0.12
4 V, 64 V
0.1
0.3
8 V, 128 V
0.1
0.2
16 V, 32 V, 256 V
0.1
0.12
100,000 reading average @ 1 MSa/s
Integral nonlinearity
±5 LSB
Differential nonlinearity
±1 LSB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn