Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9217A Datasheet(PDF) 5 Page - Keysight Technologies

Part No. M9217A
Description  PXIe Single-Slot 2-Channel Isolated Digitizer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9217A Datasheet(HTML) 5 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
05 | Keysight | M9217A PXIe Single-Slot 2-Channel Isolated Digitizer - Data Sheet
Drivers
The M9217A digitizer is supplied with a comprehensive portfolio of module drivers, doc-
umentation, examples, and software tools to help you quickly develop test systems with
your software platform of choice. The module comes with IVICOM, IVI-C, and LabVIEW
G software drivers that work in the most popular test and measurement development
environments, including LabVIEW and LabWindows/CVI from National Instruments,
Microsoft C/C++, C#, and VB.NET.
Easy software integration
The module software support provides context-sensitive help, complete documentation
and code examples that allow a quick module set up and basic acquisition functionalities.
These code examples can be easily modified, so that the card can be quickly integrated
into a test system. Included are application code examples for LabVIEW, LabWindows/
CVI, Visual Studio C, C++, and C# and Visual Basic.
Calibration Intervals
The M9217A is factory-calibrated and shipped with a calibration certificate. Calibration is
recommended every year in order to verify product performance.
M9217A specifications
2-channel isolated digitizer with ADCs per channel and utilizing one PXI express slot.
Max sample rate
20 MSa/s
Sample resolution
16 bits
Input configuration
Isolated inputs ( each channel independently isolated)
Isolation voltage (low to chassis)
+40 V
Maximum input range (high to low)
+256 Vpk
Input impedance
1 MW // 40 pF
Input coupling
DC or AC
AC cutoff frequency
< 10 Hz
Input ranges
±256 V, ±128 V, ±64 V, ±32 V, ±16 V, ±8 V,
±4V, ±2 V, ±1 V, ±500 mV, ±250 mV
Over voltage protection
Yes
Maximum overvoltage protection
±400 Vppk
Analog bandwidth (-3 dB)
20 MHz typical


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn