Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9217A Datasheet(PDF) 4 Page - Keysight Technologies

Part No. M9217A
Description  PXIe Single-Slot 2-Channel Isolated Digitizer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9217A Datasheet(HTML) 4 Page - Keysight Technologies

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04 | Keysight | M9217A PXIe Single-Slot 2-Channel Isolated Digitizer - Data Sheet
Built-in 400 V peak voltage protection
To support high voltage and transient signals in automotive, mechatronics and aerospace
and defense applications, the M9217A has a built-in peak voltage protection against
overvoltage spikes of up to 400 V.
32 MSa/channel with up to 1024 segmented memory
Coupled with the memory segmentation feature of up to 1024 records, the M9217A’s
32M sample memory size enables multiple bursts of data to be digitized without the
need for re-initialization between bursts. The record size is configured by selecting the
total number of samples, including pre-trigger samples.
Support for multiple trigger types
The M9217A supports different trigger types like PXI trigger bus, PXI Star, external input/
output, channel and software trigger. Configurable trigger delay and trigger hold-off
allow you to better define where record data is collected relative to the trigger event.
The configurable trigger delay feature allows precise positioning of acquisition relative to
the trigger event, while the trigger hold-off feature helps avoid false triggers.
The PXI TTL trigger output enables the M9217A digitizer to synchronize to other devices.
Multiple M9217A digitizers can be synchronized for higher channel count.
IO Libraries
Keysight input/output or IO Libraries Suite offers fast and easy connection to instru-
ments. The latest suite version extends that capability to include modular instruments.
New support for PXI such as the Keysight IO Libraries Suite helps you display all of
the modules in your system. From here, you can view information about the installed
software or start the soft front panel of the module. Launch the soft front panel of the
module directly from Keysight Connection Expert. Figure 2 shows the M9217A soft front
panel.
Figure 2. M9217A soft front panel


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn