Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW75-110S3.3 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCHBW75-110S3.3
Description  Up to 76.8 Watts DC/DC Power Converter Single Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-110S3.3 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCHBW75-110S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW75-110S3.3 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev G
DCHBW75 SERIES
Up to 76.8 Watts
DC/DC Power Converter
Single Outputs
2/6/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 9
EFFICIENCY GRAPHS
DCHBW75-48S05 Efficiency vs. Input Voltage
DCHBW75-48S05 Efficiency vs. Output Load
MECHANICAL DRAWINGS
METAL CASE (24VDC & 48VDC Nominal Input Models)
PIN CONNECTION
PIN
DEFINE
DIAMETER
1
-Vin
0.04 Inch
2
Case
0.04 Inch
3
Ctrl
0.04 Inch
4
+Vin
0.04 Inch
5
-Vout
0.08 Inch
6
-Sense
0.04 Inch
7
Trim
0.04 Inch
8
+Sense
0.04 Inch
9
+Vout
0.08 Inch
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by
using the method shown below
Notes:
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance ±0.01 (0.25)
4.
Pin Dimension Tolerance ±0.004 (0.1)
5.
Mounting Screws should always be used
6.
The screw locked torque: MAX 5.0kgf-cm(049N-m)


Similar Part No. - DCHBW75-110S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S05 WALL-DCHBW75-24S05 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S12 WALL-DCHBW75-24S12 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S15 WALL-DCHBW75-24S15 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S24 WALL-DCHBW75-24S24 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S28 WALL-DCHBW75-24S28 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
More results

Similar Description - DCHBW75-110S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com