Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHF500W-SMD48-12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHF500W-SMD48-12
Description  RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHF500W-SMD48-12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHF500W-SMD48-12 Datasheet HTML 1Page - Wall Industries,Inc. DCHF500W-SMD48-12 Datasheet HTML 2Page - Wall Industries,Inc. DCHF500W-SMD48-12 Datasheet HTML 3Page - Wall Industries,Inc. DCHF500W-SMD48-12 Datasheet HTML 4Page - Wall Industries,Inc. DCHF500W-SMD48-12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/10/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. B
DCHF500 SERIES
2:1 & 4:1 Input Voltage Ranges
12 & 24 VDC Single Outputs
480~504W Output Power
DC/DC Chassis Mount Power Converters
FEATURES
RoHS Compliant
±10% Voltage Adjustment Range
 2:1 & 4:1 Input Voltage Ranges
 Built-in Fan
 Built-in Remote Sense (Option)
 Remote ON/OFF Control (Option)
 480~504W Output Power
12VDC and 24VDC Single Outputs Voltages
 100% Full Load Burn-in Tested
 Dimensions: 8.46 x 4.53 x 1.97 Inches
Short Circuit, Over Voltage, Over Load, and Over
Temperature Protected
DESCRIPTION
The DCHF500 series of DC/DC power converters offers up to 504W output power in an 8.46 x 4.53 x 1.97 enclosed case.
This series has 12VDC and 24VDC single output models with either a 2:1 input voltage range of 72-144VDC or a 4:1
input voltage range of 19-72VDC. Some features include ±10% output adjustability, remote sense (optional), remote
ON/OFF control (optional), and a built-in fan. These supplies are RoHS compliant and are protected against short circuit,
over voltage, over load, and over temperature conditions. All supplies in this series are 100% full load burn-in tested.


Similar Part No. - DCHF500W-SMD48-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHF500W-SD110-12 WALL-DCHF500W-SD110-12 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD110-24 WALL-DCHF500W-SD110-24 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD110-48 WALL-DCHF500W-SD110-48 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD48-12 WALL-DCHF500W-SD48-12 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
DCHF500W-SD48-24 WALL-DCHF500W-SD48-24 Datasheet
228Kb / 3P
   504 Watts DC/DC Chassis Mount Power Converter Single Outputs
More results

Similar Description - DCHF500W-SMD48-12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com