Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW75-48S28 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # DCHBW75-48S28
Description  Up to 76.8 Watts DC/DC Power Converter Single Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-48S28 Datasheet(HTML) 8 Page - Wall Industries,Inc.

  DCHBW75-48S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW75-48S28 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev G
DCHBW75 SERIES
Up to 76.8 Watts
DC/DC Power Converter
Single Outputs
2/6/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 9
OUTPUT VOLTAGE ADJUSTMENT
Output is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting an external resistor between the TRIM
pin and either the +SENSE or –SENSE pins. With an external resistor between the TRIM and –SENSE pin, the output voltage set
decreases. With an external between the TRIM and –SENSE pin, the output voltage set point increases. Maximum output deviation is
+10% inclusive of remote sense. The value of the external resistor can be obtained by the equations below. The external TRIM resistor
needs to be at least 1/8W resistor.
TRIM UP
TRIM DOWN
MODEL NUMBER SETUP
DCHBW
75
-
48
S
05
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
75: 75 Watts
24: 9~36VDC
S: Single
3.3: 3.3VDC
48: 18~75VDC
05: 5VDC
110: 43~160VDC
12: 12VDC
15: 15VDC
24: 24VDC
28: 28VDC
48: 48VDC
R
TH
H
TF
Remote On/Off & Pin Length
Thru-Hole Inserts(1)
Heatsink (1)
Terminal Block (2)
None: Positive Logic, 0.200” pin length
None: Threaded Inserts
None: No Heatsink
None: No Terminal Block
S: Positive Logic, 0.145” pin length
TH: Ø0.126 thru-hole inserts(1)
H:
0.45” Vertical 7G-
0021A-F
T: Wall Mounted
R: Negative Logic, 0.200” pin length
H1:
0.24” Horizontal
7G-0022A-F
TF: Wall Mounted with EMC Filter (3)
RL: Negative Logic, 0.145” pin length
H2:
0.24” Vertical
7G0023A-F
T1:
Wall Munted with EMC filter can be
connected to PE
(3)
H3:
0.45” Horizontal
7G-0024A-F
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. Only 0.200” pin length is available with terminal block options.
3. EMI Filter meets EN55011, EN55022 Class A


Similar Part No. - DCHBW75-48S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S05 WALL-DCHBW75-24S05 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S12 WALL-DCHBW75-24S12 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S15 WALL-DCHBW75-24S15 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S24 WALL-DCHBW75-24S24 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
DCHBW75-24S28 WALL-DCHBW75-24S28 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
More results

Similar Description - DCHBW75-48S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com