Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC100-48S24 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DC100-48S24
Description  2:1 Wide Input Voltage Ranges
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DC100-48S24 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DC100-48S24 Datasheet HTML 1Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 2Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 3Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 4Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 5Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 6Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 7Page - Wall Industries,Inc. DC100-48S24 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. C
DC100 Series
2:1 Input Voltage Ranges
Up to 100 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/23/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 8
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output
Voltage
Min. load
Full load
No Load
(2)
Input Current
Ripple & Noise
(3) (4)
Output
Power
Maximum
Capacitive Load
(5)
Efficiency
(3)
DC100-12S3.3
3.3VDC
0mA
25A
155mA
75mVp-p
82.5W
75700µF
90%
DC100-12S05
5 VDC
0mA
20A
150mA
75mVp-p
100W
40000µF
91%
DC100-12S12
12 VDC
0mA
8.4A
180mA
100mVp-p
100W
7000µF
91%
DC100-12S15
15 VDC
0mA
6.7A
180mA
100mVp-p
100W
4460µF
91%
DC100-12S24
24 VDC
0mA
4.2A
90mA
200mVp-p
100W
1750µF
90%
DC100-12S28
28 VDC
0mA
3.6A
100mA
200mVp-p
100W
1280µF
90%
DC100-12S48
12 VDC
(9 – 18 VDC)
48 VDC
0mA
2.1A
100mA
300mVp-p
100W
430µF
90%
DC100-24S3.3
3.3VDC
0mA
25A
90mA
75mVp-p
82.5W
75700µF
91%
DC100-24S05
5 VDC
0mA
20A
150mA
75mVp-p
100W
40000µF
93%
DC100-24S12
12 VDC
0mA
8.4A
185mA
100mVp-p
100W
7000µF
93%
DC100-24S15
15 VDC
0mA
6.7A
185mA
100mVp-p
100W
4460µF
93%
DC100-24S24
24 VDC
0mA
4.2A
85mA
200mVp-p
100W
1750µF
92%
DC100-24S28
28 VDC
0mA
3.6A
85mA
200mVp-p
100W
1280µF
92%
DC100-24S48
24 VDC
(18 – 36 VDC)
48 VDC
0mA
2.1A
85mA
300mVp-p
100W
430µF
92%
DC100-48S3.3
3.3VDC
0mA
25A
80mA
75mVp-p
82.5W
75700µF
91%
DC100-48S05
5 VDC
0mA
20A
90mA
75mVp-p
100W
40000µF
93%
DC100-48S12
12 VDC
0mA
8.4A
90mA
100mVp-p
100W
7000µF
93%
DC100-48S15
15 VDC
0mA
6.7A
90mA
100mVp-p
100W
4460µF
93%
DC100-48S24
24 VDC
0mA
4.2A
40mA
200mVp-p
100W
1750µF
92%
DC100-48S28
28 VDC
0mA
3.6A
40mA
200mVp-p
100W
1280µF
92%
DC100-48S48
48 VDC
(36 – 75 VDC)
48 VDC
0mA
2.1A
40mA
300mVp-p
100W
430µF
92%
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Typical value at nominal input voltage and no load.
3. Typical value at nominal input voltage and full load.
4. The ripple and noise of 48VDC output voltage models is measured with a 2.2μF/100V X7R 1812 MLCC;
The ripple and noise of all other output voltages is measured with a 4.7μF/50V X7R 1812 MLCC.
5. Test by minimum input and constant resistive load.
6. The CTRL pin voltage is referenced to –INPUT. To order negative logic remote on/off control add the suffix “R” to the model number.
7. Output voltage is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting a single resistor between TRIM and
+SENSE pins for trim up or between TRIM and -SENSE pins for trim down. To calculate the value of the resistor RU and RD for a particular
output voltage see page 5.
8. Maximum output deviation is +10% inclusive of remote sense and trim. If remote sense is not being used the +SENSE should be connected to its
corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding -OUTPUT.
9. (1) Thermal test conditions for vertical direction are by natural convection (20LFM).
(2) Heat sink is optional. See the “Product Options” table on page 6 for suffix options.
10. The DC100 series can only meet EN55022 Class A or Class B with external components added. Please contact factory for more information.
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. We recommend connecting one aluminum
electrolytic capacitor (Nippon chemi-con KY series, 220μF /100V, ESR 48mΩ) in parallel.
12. CASE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane.
13. This series comes with several different options: negative remote on/off control, heatsinks, pin length, thru-hole inserts, and terminal blocks. See
the “Product Options” table on page 6 for more ordering information.
14. CAUTION: This power converter is not internally fused. An input line fuse must always be used.


Similar Part No. - DC100-48S24

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
   Armoire pour serveur en acier robuste
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
   DC1000B M.2 NVME SSD
logo
Hammond Manufacturing L...
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
66Kb / 2P
   Armoire pour serveur en acier robuste
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
36Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - DC100-48S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
   2:1 Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
   2:1 Input Voltage Ranges 18~30 Watt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com