Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBU200-72S24-PHS1 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBU200-72S24-PHS1
Description  Up to 200 Watts DC/DC Half-Brick Converter Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBU200-72S24-PHS1 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBU200-72S24-PHS1 Datasheet HTML 1Page - Wall Industries,Inc. DCHBU200-72S24-PHS1 Datasheet HTML 2Page - Wall Industries,Inc. DCHBU200-72S24-PHS1 Datasheet HTML 3Page - Wall Industries,Inc. DCHBU200-72S24-PHS1 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
DCHBU200 SERIES
Up to 200 Watts
DC/DC Half-Brick Converter
Single Output
5/11/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL(2)
Negative Logic (Standard)
DC/DC ON
Short or 0~1.2VDC
DC/DC OFF
Open or 3~12VDC
Positive Logic (Optional)
DC/DC ON
Open or 3~12VDC
DC/DC OFF
Short or 0~1.2VDC
Input Current of CTRL Pin
0.5
1
mA
Remote OFF Input Current
TBD
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout rated; Hiccup Mode
120
150
%
Over Voltage Protection
% of Vout(nom); Hiccup Mode
TBD
Over Temperature Protection
TBD
ENVIRONMENTAL SPECIFICATIONS
Operating Base-Plate Temperature
With Derating
-40
+110
ºC
Storage Temperature Range
-55
+125
ºC
Thermal Impedance(3)
Vertical direction by natural
convection (20LFM)
Module without Assembly Option
TBD
ºC/W
0.24” Height Heat-Sink Type
TBD
0.45” Height Heat-Sink Type
TBD
Relative Humidity
5
95
%RH
Thermal Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
TBD
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
TBD
Isolation Voltage (Reinforced Insulation)
1 Minute
Input to Output
3000
VAC
Input (Output) to Base-Plate
1500
Isolation Resistance
1
G
Ω
Isolation Capacitance
TBD
pF
PHYSICAL SPECIFICATIONS
Weight
TBD
Dimensions (L x W x H)
2.40in x 2.28in x 0.50in
(61mm x 57.9mm x 12.7mm)
Case Material
Aluminum Base-Plate with Plastic Case
Potting Material
Silicone (UL94 V-0)
SAFETY CHARACTERISTICS
Safety Approvals (Pending)
IEC60950-1, UL60950-1, EN60950-1
EMI(4)
EN55011, EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient(5)
EN61000-4-4
±2kV
Perf. Criteria A
Surge
EN61000-4-5
EN55024: ±2kV
EN50155: ±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s.
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m Continuous; 1000A/m 1 Second
Perf. Criteria A
NOTES
1.
Input Source Impedance: The power module will operate as specifications without external components, assuming that the source voltage has
very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module.
Since real-world voltage source has finite impedance, performance can be improved by adding external filter capacitor. Recommended external
capacitor is TBD.
2.
Referred to –Vin pin
3.
A. Iron base-plate dimension is 19” x 3.5” x 0.063” (height is EI standard 2U)
B. Heat sink is optional and P/N: 7G-0021A-F, 7G-0022A-F, 7G-0023A-F, 7G-0024A-F. Please refer to heat-sink selection guide.
4.
Standard modules meet EMI Class A or Class B with external components. Contact factory for more information.
5.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. Recommended external capacitor is TBD.
6.
BASE-PLATE GROUNDING: When four screw bolts to shield plane, the EMI could be reduced.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCHBU200-72S24-PHS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150 WALL-DCHB150 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05P WALL-DCHB150-12S05P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHBU200-72S24-PHS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
logo
Mean Well Enterprises C...
MHB75 MEANWELL-MHB75 Datasheet
840Kb / 6P
   75W DC-DC Half-Brick Regulated Single Output Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
CUI INC
VHB50 CUI-VHB50 Datasheet
1Mb / 4P
   Half Brick DC to DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com