Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBU200-72S12-PHS1 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCHBU200-72S12-PHS1
Description  Up to 200 Watts DC/DC Half-Brick Converter Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBU200-72S12-PHS1 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCHBU200-72S12-PHS1 Datasheet HTML 1Page - Wall Industries,Inc. DCHBU200-72S12-PHS1 Datasheet HTML 2Page - Wall Industries,Inc. DCHBU200-72S12-PHS1 Datasheet HTML 3Page - Wall Industries,Inc. DCHBU200-72S12-PHS1 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev A
DCHBU200 SERIES
Up to 200 Watts
DC/DC Half-Brick Converter
Single Output
5/11/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
MODEL NUMBER SETUP
DCHBU
200
-
72
S
24
-
P
HS
Series Name
Output Power
Input Voltage
Output Quantity Ouptut Voltage
Ctrl and Pin Options
Assembly Option
200: 200 Watts
72: 16~144VDC
S: Single
05: 5VDC
None: Negative Logic
None: None
12: 12VDC
P: Positive Logic
HS: Height: 45” 7G-0021A-F
15: 15VDC
HS1: Height: 24” 7G-0022A-F
24: 24VDC
HS2: Height: 24” 7G-0023A-F
28: 28VDC
HS3: Height: 45” 7G-0024A-F
48: 48VDC
TH: Through Hole (No Thread)(1)
53: 53VDC
NOTES
1. The module can’t equip Heat sink with TH option.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCHBU200-72S12-PHS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150 WALL-DCHB150 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05P WALL-DCHB150-12S05P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHBU200-72S12-PHS1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
logo
Mean Well Enterprises C...
MHB75 MEANWELL-MHB75 Datasheet
840Kb / 6P
   75W DC-DC Half-Brick Regulated Single Output Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
   150W DC-DC Half-Brick Regulated Single Output Converter
logo
CUI INC
VHB50 CUI-VHB50 Datasheet
1Mb / 4P
   Half Brick DC to DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com