Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRW48D12-60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CRW48D12-60
Description  60 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CRW48D12-60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CRW48D12-60 Datasheet HTML 1Page - Wall Industries,Inc. CRW48D12-60 Datasheet HTML 2Page - Wall Industries,Inc. CRW48D12-60 Datasheet HTML 3Page - Wall Industries,Inc. CRW48D12-60 Datasheet HTML 4Page - Wall Industries,Inc. CRW48D12-60 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev A
CRW60 SERIES
60 Watt DC/DC Power Converters
06/13/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
Input Under Voltage Protection
High Efficiency up to 92%
Remote ON/OFF Control
2:1 Wide Input Voltage Ranges
Six-Sided Continuous Shielding
Low Stand-by Power Consumption
No Minimum Load Required
Single and Dual Outputs
60 Watts Maximum Output Power
1600VDC I/O Isolation
Short Circuit, Over Voltage, Over Load, & Over Temp. Protection
Wide Operating Temperature Range: -40°C to +85°C
CE Mark Meets 2006/95/EC, 2011/95/EC, & 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
Optional Heatsink Available (Suffix “HS”)
DESCRIPTION
Size:
2.00 x 1.00 x 0.40 inches
(50.8 x 25.4 x 10.2 mm)
Applications:
Wireless Networks
Telecom/Datacom
Industry Control Systems
Distributed Power Architectures
Semiconductor Equipment
The CRW60 series of DC/DC power converters provides 60 Watts of output power in an industry standard 2.00” x
1.00” x 0.40” package and footprint. This series has single and dual output models with 4:1 ultra wide input voltage
ranges of 9-36VDC and 18-75VDC. Some features include high efficiency up to 92%, 1600VDC I/O isolation, six-sided
shielding, and remote ON/OFF control. These converters are also protected against short circuit, over voltage, over
load, and over temperature conditions. All models are RoHS compliant and have UL60950-1, EN60950-1, and
IEC60950-1 safety approvals. This series is best suited for use in wireless networks, telecom/datacom, industry
control systems, semiconductor equipment, and distributed power architectures.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
CRW24S33-60
3.3 VDC
0mA
12A
75mVp-p
10mA
39.6W
90%
32,000µF
CRW24S05-60
5 VDC
0mA
12A
75mVp-p
10mA
60W
92%
30,000µF
CRW24S12-60
12 VDC
0mA
5A
100mVp-p
10mA
60W
92%
5850µF
CRW24S15-60
15 VDC
0mA
4A
100mVp-p
10mA
60W
92%
3900µF
CRW24S24-60
24 VDC
(9 - 36 VDC)
24 VDC
0mA
2.5A
150mVp-p
10mA
60W
92%
2000µF
CRW48S33-60
3.3 VDC
0mA
12A
75mVp-p
10mA
39.6W
90%
32,000µF
CRW48S05-60
5 VDC
0mA
12A
75mVp-p
10mA
60W
92%
30,000µF
CRW48S12-60
12 VDC
0mA
5A
100mVp-p
10mA
60W
92%
5850µF
CRW48S15-60
15 VDC
0mA
4A
100mVp-p
10mA
60W
92%
3900µF
CRW48S24-60
48 VDC
(18 - 75 VDC)
24 VDC
0mA
2.5A
150mVp-p
10mA
60W
92%
2000µF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
CRW24D12-60
±12 VDC
0mA
±2.5A
100mVp-p
10mA
60W
91%
±3900µF
CRW24D15-60
±15 VDC
0mA
±2A
100mVp-p
10mA
60W
91%
±2400µF
CRW24D24-60
24 VDC
(9 - 36 VDC)
±24 VDC
0mA
±1.25A
150mVp-p
10mA
60W
91%
±1000µF
CRW48D12-60
±12 VDC
0mA
±2.5A
100mVp-p
10mA
60W
91%
±3900µF
CRW48D15-60
±15 VDC
0mA
±2A
100mVp-p
10mA
60W
91%
±2400µF
CRW48D24-60
48 VDC
(18 - 75 VDC)
±24 VDC
0mA
±1.25A
150mVp-p
10mA
60W
91%
±1000µF
NOTES
1. The CRW60 series can only meet EMI Class A or Class B with external components added. Please contact factory for more information.
2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
- For 24VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ58A, 58V, 3000 Watt peak pulse power) diode in parallel.
- For 48VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ120A, 120V, 3000 Watt peak pulse power) diode connected in parallel.
3. Both positive logic and negative logic remote ON/OFF control is available. Positive logic remote ON/OFF comes standard; for negative logic remote ON/OFF add the
suffix “R” to the model number (Ex: CRW48S12-60R).
4. Optional heatsink is available. Please call factory for ordering details.
CAUTION:
This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - CRW48D12-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CRW48D12-40 WALL-CRW48D12-40 Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
More results

Similar Description - CRW48D12-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR60 WALL-CR60 Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com