Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB200-12S28 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHB200-12S28
Description  165~255 Watts, Half-Brick DC/DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-12S28 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHB200-12S28 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-12S28 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev F
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 9
SPECIFICATIONS: DCHB200 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
225
250
275
kHz
Isolation Voltage
1 minute (basic insulation)
Input to Output
2250
VDC
Input to Case
1600
Output to Case
1600
Isolation Resistance
500VDC
1
Isolation Capacitance
2500
pF
PHYSICAL SPECIFICATIONS
Weight
Standard models
3.70oz (105g)
“T” suffix models
8.29oz (235g)
“TF” suffix models
9.88oz (280g)
“TF1” suffix models
10.12oz (287g)
Dimensions (L x W x H)
Standard models
2.40 x 2.28 x 0.50 inches (61.0 x 57.9 x 12.7 mm)
“T” suffix models
3.35 x 2.40 x 1.27 inches (85.0 x 61.0 x 32.3 mm)
“TF” suffix models
3.35 x 2.40 x 1.47 inches (85.0 x 61.0 x 37.3 mm)
“TF1” suffix models
3.35 x 2.40 x 1.53 inches (85.0 x 61.0 x 38.8 mm)
Case Material
Metal
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 5)
EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 6)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 6)
EN61000-4-5
EN55024 ±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
NOTES
1. Input Source Impedance: These converters will operate under all listed specifications without external components assuming that the source
voltage has very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the
converter. Since real world voltage sources have finite impedance, performance can be improved by adding an external filter capacitor. We
recommend Nippon chemi-con KY series, 100
μF/100V.
2. (1) Multiple DCHB200 series modules can be synchronized together simply by connecting the module SYNC pins together. Care should be
taken to ensure the ground potential differences between the modules are minimized.
(2) In this configuration all of the modules will be synchronized to the highest frequency module.
(3) Up to three modules can be synchronized using this technique.
(4) More relevant information in the application notes.
3. Maximum output deviation is +10% inclusive of remote sense and trim. If remote sense is not being used the +SENSE should be connected to
its corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
4. (1) Thermal test conditions for vertical direction are by natural convection (20LFM).
(2) The iron base-plate dimensions are 19” x 3.5” x 0.063” (the height is EIA standard 2U).
(3) Heat sink is optional. See the “Model Number Setup” table on page 7 for suffix options.
5. The DCHB200 standard models (without assembly options) can only meet EN55022 Class A or Class B with external components added.
6. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. We recommend connecting two aluminum
electrolytic capacitors (Nippon chemi-con KY seri
es, 220μF/100V) in parallel.
7. Output voltage is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting a single resistor between TRIM and
+SENSE pins for trim up or between TRIM and -SENSE pins for trim down. To calculate the value of the resistor RU and RD for a particular output
voltage see page 7.
8. CASE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane.
9. This series comes with several different options: negative remote on/off control, heatsinks, case pin, sync pin, pin length, terminal block, and
thru-hole inserts. See the “Model Number Setup” table on page 7 for more ordering information.
CAUTION: This power converter is not internally fused. An input line fuse must always be used.


Similar Part No. - DCHB200-12S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-12S28 WALL-DCHB200-12S28 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
More results

Similar Description - DCHB200-12S28

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com