Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW75-24S05 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBW75-24S05
Description  Up to 76.8 Watts DC/DC Power Converter Single Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-24S05 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBW75-24S05 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 8Page - Wall Industries,Inc. DCHBW75-24S05 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev G
DCHBW75 SERIES
Up to 76.8 Watts
DC/DC Power Converter
Single Outputs
2/6/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 9
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL(7)
Positive Logic (Standard)
DC-DC ON
Short or 0~1.2VDC
DC-DC OFF
Open or 3~12VDC
Negative Logic (Optional)
DC-DC ON
Open or 3~12VDC
DC-DC OFF
Short or 0~1.2VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup mode
110Vin (Nominal)
150
%
Others
110
140
Over Voltage Protection
% of Vout (nominal); Hiccup Mode
115
130
%
Over Temperature Protection
+115
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
Base-Plate
-40
+105
ºC
Storage Temperature
Standard
-55
+125
ºC
Terminal Block Type
-40
+105
Thermal Impedance(8)
Standard
6.7
ºC/W
With 0.24” Heatsink
5.4
With 0.45” Heatsink
4.7
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
336,200 hours
GENERAL SPECIFICATIONS
Efficiency
Nominal Input Voltage and Full Load
See Table
Switching Frequency
270
300
330
kHz
Isolation Voltage
110VDC Input Models 1 minute (reinforced insulation)
Input to Output
3000
VAC
Input (Output) to Case
1500
Others
1 minute (basic insulation)
Input to Output
2250
VDC
Input (Output) to Case
1600
Isolation Resistance
500VDC
1
Isolation Capacitance
2500
pF
PHYSICAL SPECIFICATIONS
Weight
Standard
3.42oz (97g)
Terminal Block (“T” Suffix)
7.05oz (200g)
Terminal Block with EMC Filter (“TF” suffix)
9.88oz (280g)
Terminal Block with EMC Filter, connected to PE (“TF1” suffix)
10.12oz (287g)
Dimensions (L x W x H)
Standard
2.4in x 2.28in x 0.5in
(61mm x 57.9mm x 12.7mm)
Terminal Block (“T” Suffix)
3.35in x 2.4in x 1.17in
(85mm x 61mm x 28mm)
Terminal Block with EMC Filter (“TF” suffix)
3.35in x 2.4in x 1.54in
(85mm x 61mm x 32.3mm)
Terminal Block with EMC Filter, connected to PE (“TF1” suffix)
3.35in x 2.40in x 1.59in
(85.0mm x 61.0mm x 40.5mm)
Case Material
24VDC and 48VDc Nominal Input Voltage Models
Metal
110VDC Nominal Input Voltage Models
Aluminum Base-Plate with Plastic Case
Base Material
24VDC and 48VDC Nominal Input Voltage Models
FR4 PCB
Potting Material
Silicone (UL94 V-0)
Shielding
24VDC and 48VDC Nominal Input Models
Six-Sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, EN60905-1, IEC60950-1, EN50155, EN45545-2
EMI(9)
EN55011, EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8KV
Perf. Criteria A
Contact ±6KV
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient(10)
EN61000-4-4
±2KV
Perf. Criteria A
Surge(10)
EN61000-4-5
EN55024
±2KV
Perf. Criteria A
EN50155
±2KV
Conducted Immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A


Similar Part No. - DCHBW75-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S05 WALL-DCHBW75-24S05 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
More results

Similar Description - DCHBW75-24S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCHBW150 WALL-DCHBW150_18 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com