Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB200-12S24 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCHB200-12S24
Description  165~255 Watts, Half-Brick DC/DC Power Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB200-12S24 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCHB200-12S24 Datasheet HTML 1Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 2Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 3Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 4Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 5Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 6Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 7Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 8Page - Wall Industries,Inc. DCHB200-12S24 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev F
DCHB200 SERIES
165~255 Watts, Half-Brick DC/DC Power Converters
09/04/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 9
DERATING CURVES
DCHB200-48S05 Derating Curve (Note 4)
DCHB200-48S05 Derating Curve with 0.24” Height Heatsink (Note 4)
DCHB200-48S05 Derating Curve with 0.45” Height Heatsink (Note 4)
EFFICIENCY GRAPHS
DCHB200-48S05 Efficiency vs Input Voltage
DCHB200-48S05 Efficiency vs Output Load


Similar Part No. - DCHB200-12S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200-12S24 WALL-DCHB200-12S24 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
More results

Similar Description - DCHB200-12S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com