Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMSP24S48-75 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMSP24S48-75
Description  50, 66, 75, and 100 Watts Half Brick, Single Output DC/DC Converter on a Chassis Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMSP24S48-75 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMSP24S48-75 Datasheet HTML 1Page - Wall Industries,Inc. CMSP24S48-75 Datasheet HTML 2Page - Wall Industries,Inc. CMSP24S48-75 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
CMSP & CMSPW Series
50, 66, 75, and 100 Watts
Half Brick, Single Output
DC/DC Converter on a Chassis Mount
Rev. A
FEATURES
● CE Mark
● 100% Burn In
● Isolated and Regulated
● Wide Input Voltage Ranges
● Fixed Operating Switching Frequency
● Short Circuit and Over Voltage Protected
● Input and Output Filtering Integral to Supply
● UL1950, cUL950, TUV EN60950 File E155800
● 50, 66, 75, and 100 Watt Output Rating from Same Package
DESCRIPTION
The CMSP & CMSPW series consists of single output half brick DC/DC converters on a chassis mount that offer up to 100 watts of
output power in an industry standard package and footprint. It is intended to provide power and isolation for pc board and chassis
mount applications requiring high power density. Some features include wide input voltage ranges, positive or negative remote
on/off, remote sense, output trim, short circuit protection, and over voltage protection. Being encapsulated, these supplies have
improved thermal dissipation and protection for ruggedized environments. All models are 100% burned-in.
SPECIFICATIONS: CMSP & CMSPW Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range
CMSP ..................... 24VDC nominal input ........................ 18 - 36 VDC
48VDC nominal input ........................ 36 - 75 VDC
CMSPW.................. 48VDC nominal input ........................ 18 - 75 VDC
Input Filter ........................................................................................ Pi filter
Input Voltage Lockout ................ <16 >38VDC, <34 > 78VDC (See Note 1)
Input Reflected Ripple...................................................................20mAp-p
Remote ON/OFF Control (See Note 5)
Standard ........................Active High Enable (Positive Remote ON/OFF)
“R” suffix .......................Active Low Enable (Negative Remote ON/OFF)
OUTPUT SPECIFICATIONS
Output Voltage ............................................................................. See table
External Output Trim (minimum) ........................................................ ±10%
Voltage Tolerance ....................................................................... ±1% max.
Output Current ............................................................................. See table
Output Power ............................................................................... See table
Line Regulation ................................................................................. ±0.1%
Load Regulation ............................................................................... ±0.1%
Minimum load........................................................................ none required
Ripple/Noise (20MHz BW) ..........................................................1.5% Vout
Remote Sense ..................................................Up to 0.5V power line drop
Transient Response ..........................................................±5.0% deviation,
100
μ/sec recovery to within ±1.0%
PROTECTION SPECIFICATIONS
Short Circuit Protection................................................................ continuous
Over Voltage Protection ............... Approximately 120% Vout, self-resetting
Current Limiting Inception............................................ Approximately 125%
Thermal Overload...................................... +110°C baseplate, self-resetting
GENERAL SPECIFICATIONS
Efficiency .................................................................................... 85% typical
Switching Frequency (fixed) ................................................... 400kHz ±10%
Isolation Voltage
Input to Output ................................................................... 1500VDC min.
Input to Case ...............................................................................750VDC
Output to Case.............................................................................750VDC
Isolation Resistance (Input to Output) ............................................> 100MΩ
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ..................................... -40°C to +100°C baseplate
Storage Temperature ......................................................... -55°C to +125°C
Humidity (non-condensing)..................................................20% to 95% RH
Temperature Coefficient ........................................................ 0.01%/°C max
PHYSICAL SPECIFICATIONS
Weight .................................................................................... 7.52oz (213g)
Dimensions (L x W x H)........................................ 5.70 x 3.40 x 1.34 inches
144.8 x 86.4 x 34 mm
Due to advances in technology, specifications subject to change without notice


Similar Part No. - CMSP24S48-75

ManufacturerPart #DatasheetDescription
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Copal Electronics
CMS COPAL-CMS Datasheet
1Mb / 12P
   SLIDE SWITCHES (SMD)
logo
Vishay Siliconix
CMS VISHAY-CMS Datasheet
123Kb / 4P
   Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
13-Jun-16
logo
Isabellenhütte Heu...
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
   Precision resistors
logo
Eaton All Rights Reserv...
CMS EATON-CMS Datasheet
528Kb / 6P
   Common mode inductors, surface mount
More results

Similar Description - CMSP24S48-75

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA75LS05C MURATA-PS-VKA75LS05C Datasheet
302Kb / 4P
   75 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Wall Industries,Inc.
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
List of Unclassifed Man...
VHB75-D12-S3R3 ETC1-VHB75-D12-S3R3 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
logo
C&D Technologies
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com