Electronic Components Datasheet Search |
|
CRW48S12-60 Datasheet(PDF) 3 Page - Wall Industries,Inc. |
|
CRW48S12-60 Datasheet(HTML) 3 Page - Wall Industries,Inc. |
3 / 5 page Wall Industries, Inc. Rev A CRW60 SERIES 60 Watt DC/DC Power Converters 06/13/2013 Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 3 of 5 SPECIFICATIONS: CRW60 SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit REMOTE ON/OFF (See Note 3) DC/DC ON Open or 3V ~ 12 VDC Positive Logic (standard) Referenced to –Input pin DC/DC OFF Short or 0 ~ 1.2 VDC DC/DC ON Short or 0 ~ 1.2 VDC Negative Logic (optional) Referenced to –Input pin DC/DC OFF Open or 3V ~ 12 VDC Input Current of Remote Control Pin Nominal Vin -0.5 +0.5 mA Remote OFF State Input Current Nominal Vin 3 mA ENVIRONMENTAL SPECIFICATIONS Operating Ambient Temperature See derating curves -40 +85 °C Maximum Case Temperature +105 °C Storage Temperature -55 +125 °C Without Heatsink 10.8 Thermal Impedance (See Note 4) Natural Convection (20LFM) With Heatsink 10.3 °C/W Relative Humidity 5 95 % RH Thermal Shock MIL-STD-810F Vibration MIL-STD-810F BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C 2,661,000 MTBF MIL-HDBK-217F Ta=25°C, full load (G/B, controlled environment) 98,650 hours PHYSICAL SPECIFICATIONS Weight 1.16oz (33g) Dimensions (L x W x H) 2.00x1.00x0.40 inch (50.8x25.4x10.2 mm) Case Material copper Base Material FR4 PCB Potting Material Silicon (UL94-V0) Shielding Six-sided SAFETY & EMC CHARACTERISTICS Safety Approvals IEC60950-1, UL60950-1, EN60950-1 EMI (See Note 1) EN55022 Class A ESD EN61000-4-2 Air ±8kV Contact ±6kV Perf. Criteria A Radiated Immunity EN61000-4-3 20 V/m Perf. Criteria A Fast Transient (See Note 2) EN61000-4-4 ±2kV Perf. Criteria A Surge (See Note 2) EN61000-4-5 ±2kV Perf. Criteria A Conducted Immunity EN61000-4-6 10 Vrms Perf. Criteria A DERATING CURVES CRW48S12-60 Derating Curve CRW48S12-60 Derating Curve with Heatsink 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 100LFM 200LFM 300LFM 400LFM 500LFM Ambient Temperature (°C) Natural Convection 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 Ambient Temperature (°C) Natural Convection 100LFM 200LFM 300LFM 400LFM 500LFM |
Similar Part No. - CRW48S12-60 |
|
Similar Description - CRW48S12-60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |