Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCHB150
Description  132~196 Watts DC/DC Power Converters Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCHB150 Datasheet HTML 1Page - Wall Industries,Inc. DCHB150 Datasheet HTML 2Page - Wall Industries,Inc. DCHB150 Datasheet HTML 3Page - Wall Industries,Inc. DCHB150 Datasheet HTML 4Page - Wall Industries,Inc. DCHB150 Datasheet HTML 5Page - Wall Industries,Inc. DCHB150 Datasheet HTML 6Page - Wall Industries,Inc. DCHB150 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev D
DCHB150 SERIES
132~196 Watts
DC/DC Power Converters
Single Output
1/29/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
DCHB150-xxSxx-TF
TERMINAL CONNECTION
NO.
DEFINE
WIRE RANGE
1
-Vin
8AWG to 9AWG
2
NC
NA
3
Ctrl
14AWG to 18AWG
4
+Vin
8AWG to 9AWG
5
-Vout
4AWG to 5AWG
6
-Sense
14AWG to 18AWG
7
Trim
14AWG to 18AWG
8
+Sense
14AWG to 18AWG
9
+Vout
4AWG to 5AWG
DCHB150-xxSxx-TF1
TERMINAL CONNECTION
NO.
DEFINE
WIRE RANGE
1
-Vin
8AWG to 9AWG
2
NC
NA
3
Ctrl
14AWG to 18AWG
4
+Vin
8AWG to 9AWG
5
-Vout
4AWG to 5AWG
6
-Sense
14AWG to 18AWG
7
Trim
14AWG to 18AWG
8
+Sense
14AWG to 18AWG
9
+Vout
4AWG to 5AWG
HEATSINK OPTIONS
Vertical Fin Orientation, Suffix: -HS, HS2
Horizontal Fin Orientation, Suffix: -HS1, HS3


Similar Part No. - DCHB150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S12 WALL-DCHB150-12S12 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S15 WALL-DCHB150-12S15 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S24 WALL-DCHB150-12S24 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
More results

Similar Description - DCHB150

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com