Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCBYB100-48S12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCBYB100-48S12
Description  100 Watts Isolated DC/DC Converter Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBYB100-48S12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCBYB100-48S12 Datasheet HTML 1Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 2Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 3Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 4Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 5Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 6Page - Wall Industries,Inc. DCBYB100-48S12 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev A
DCBYB100 SERIES
100 Watts
Isolated DC/DC Converter
Single Output
10/11/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Size: 2.40in x 2.28in x 0.5in
(61.0mm x 57.9mm x 12.10mm)
FEATURES
Wide 2:1 Input Voltage Range
High Power Density
High Efficiency
Input/Output Isolation 1500VDC
Lead Free Design, RoHS Compliant
Short Circuit, Over Voltage, and Over
Temperature Protection
Cooling by Free Air Convection
Industry Standard Pinout
Adjustable Output Voltage
APPLICATIONS
DESCRIPTION
Distributed Power System
Telecommunication Application
Battery Powered Equipment
Industrial Applications
Process Control Equipment
Transportation Equipment
The DCBYB100 series of isolated DC/DC converters offer
100 watts of output power in a 2.40” x 2.28” x 0.5” package
with standard pinout case. This series consists of single
output models with a wide 4:1 input voltage range. Each
model in this series has high power density, high efficiency,
and short circuit, over voltage, and over temperature
protection. Please call factory for order details.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output Voltage
Output Current
Ripple & Noise
No Load Input
Current
Maximum
Capacitive Load
Efficiency
Output
Power
Min Load
Max Load
DCBYB100-12S24
9~18V
24V
0A
4.2A
200mVp-p
-
-
-
100W
DCBYB100-48S12
48V
(36~75V)
12V
0A
8.33A
100mVp-p
95mA
10000µF
92%
DCBYB100-48S24
24V
0A
4.2A
200mVp-p
58mA
3300µF
91%
DCBYB100-48S28
28V
0A
3.6A
200mVp-p
69mA
2000µF
91%
DCBYB100-48S48
48V
0A
2.1A
300mVp-p
57mA
1000µF
92%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
9
12
18
V
48V Nominal Input
36
48
75
Input Surge Voltage (100ms Max.)
48V Nominal Input
100
V
Full Load Input Current
48V Nominal Input Models
DCBYB100-48S12
2367
mA
DCBYB100-48S24
2395
DCBYB100-48S28
2395
DCBYB100-48S48
2367
Input Filter
48V Nominal Input
Pi Type
Input Reflected Ripple Current
48V Models, Nominal Vin and Full Load
600
mAp-p
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full Load and Nominal Vin
±1
%
Line Regulation
48V Nominal Input Models
LL to HL at Full Load
±1
%
Load Regulation
48V Nominal Input Models
25% Load to Full Load
±1
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
A
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
See Table
Transient Response Setting Time
48V Nominal Input Models; 50% load step change
480
µs
Transient Response Over Shoot
48V Nominal Input Models; di/dt=0.8A/µs
≤ ±5
% of Vo
Start-Up Time
48V Nominal Input Models; Nominal Vin and Constant Resistive Load
68
mSec
Temperature Coefficient
±0.02
%/ºC
REMOTE ON/OFF CONTROL
Converter ON
Open or 3.5V < Vr < 12V
Converter OFF
Short(1) or 0V < Vr < 1.2
Sourcing Current of Remote CTRL Pin
Nominal Vin
0.2
mA
Idle Input Current (at Remote Off State) Nominal Vin
20
mA


Similar Part No. - DCBYB100-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB ETC-DCB Datasheet
66Kb / 2P
   DC/DC Converters
logo
Illinois Capacitor, Inc...
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
Sanyo Semicon Device
DCB010 SANYO-DCB010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
DCB010 SANYO-DCB010 Datasheet
49Kb / 3P
   Very High-Speed Switching Diode
More results

Similar Description - DCBYB100-48S12

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ24120QGA08 SYNQOR-PQ24120QGA08 Datasheet
662Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
logo
Wall Industries,Inc.
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
   50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
RBA1P2 WALL-RBA1P2 Datasheet
295Kb / 4P
   1.2 Watts DC/DC Converter Single Output
logo
Powerbox
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Sensitron
SCP-5762 SENSITRON-SCP-5762 Datasheet
49Kb / 2P
   70W DC-DC Converter Single Output, Isolated
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
   100 WATTS DC-DC CONVERTER
QEB100 P-DUKE-QEB100 Datasheet
397Kb / 3P
   100 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com