Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCBC60-24S12W Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCBC60-24S12W
Description  Up to 60 Watts Isolated DC/DC Power Converter Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBC60-24S12W Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCBC60-24S12W Datasheet HTML 1Page - Wall Industries,Inc. DCBC60-24S12W Datasheet HTML 2Page - Wall Industries,Inc. DCBC60-24S12W Datasheet HTML 3Page - Wall Industries,Inc. DCBC60-24S12W Datasheet HTML 4Page - Wall Industries,Inc. DCBC60-24S12W Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev D
DCBC60 SERIES
Up to 60 Watts
Isolated DC/DC Power Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Pin Assignment
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
4
-Sense
+Vout
5
+Sense
Common
6
+Vout
Common
7
-Vout
-Vout
8
Trim
HEATSINK OPTIONS
Material: Aluminum
Weight: 0.67oz (19g) (without converter)
Note: The product label on converter has to be removed before
mounting the heat-sink. For volume orders, converters will be
supplied with heat-sink already mounted. Please contact factory
for more details


Similar Part No. - DCBC60-24S12W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB ETC-DCB Datasheet
66Kb / 2P
   DC/DC Converters
logo
Illinois Capacitor, Inc...
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
Sanyo Semicon Device
DCB010 SANYO-DCB010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
DCB010 SANYO-DCB010 Datasheet
49Kb / 3P
   Very High-Speed Switching Diode
More results

Similar Description - DCBC60-24S12W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
   100 Watts Isolated DC/DC Converter Single Output
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com