Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMFA12S5-300TH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMFA12S5-300TH
Description  Full Brick 250-300 Watt, Single Output Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMFA12S5-300TH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMFA12S5-300TH Datasheet HTML 1Page - Wall Industries,Inc. CMFA12S5-300TH Datasheet HTML 2Page - Wall Industries,Inc. CMFA12S5-300TH Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/13/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
CMFA Series
Full Brick
250-300 Watt, Single Output
Chassis Mount DC/DC Converter
Rev E
FEATURES
● 100% Burn In
● Chassis Mount
● Synchronizable
● Output Trim ±10%
● 1500VDC Isolation
● Operation to No Load
● Very Low Output Ripple
● Output Current up to 60A
● Fast Transient Response
● Fixed Switching Frequency
● 250-300 Watts Output Power
● Remote Sense Compensation
● Remote ON/OFF (Active High/Low)
● Short Circuit and Over Temperature Protection
● 90% Efficient at Half Load, 88% Efficient at Full Load
SPECIFICATIONS: CMFA Series
All specifications apply @ 25°C ambient unless othe rwise noted
INPUT SPECIFICATIONS
Input Voltage Range................................................................. 10-36VDC
UVLO Turn On at ................................................................... 10VDC max
UVLO Turn off at ................................................................... 9.5VDC max
Input Surge Voltage (100ms)......................................................... 50VDC
Reflected Ripple Current (nominal Vin and full load).........................20mA
Remote ON/OFF ................................................See Technical Datasheet
Input Current under Remote Off .........................................................1mA
Maximum Input Current (Low Line)......................................................35A
No Load Input Current........................................................................0.1A
OUTPUT SPECIFICATIONS
Output Voltage ............................................................................see table
Voltage Accuracy ...............................................................................±1%
Output Adjustability .......................................................................... ±10%
Output Current ............................................................................see table
Output Power ..............................................................................see table
Line Regulation (LL to HL at FL)...................................................... ±0.2%
Load Regulation (20% to 100% load) .............................................. ±0.2%
Ripple/Noise (20 MHz BW)................................................... 1% Vout max
Temperature Coefficient .................................................±0.02% / °C max.
Transient Response (50% load step)............................. 5% total deviation
PROTECTION SPECIFICATIONS
Current Limit ......................................................................................130%
Short Circuit Protection ......................................Continuous, self re-setting
Over Temperature Protection .....................................110°C, self re-setting
GENERAL SPECIFICATIONS
Efficiency ..................................................................................90% typical
Switching Frequency............................................................... 700KHz typ.
Isolation Voltage (Input to Output)........................................1500VDC min.
Isolation Resistance .....................................................................1G
min.
Isolation Capacitance...................................................................... 0.01µF
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (ambient) .......................... -40°C ~ +100°C (case)
Storage Temperature .........................................................-55°C ~ +125°C
Humidity.................................................................fully potted construction
Cooling ........................................................ heatsink optional (see Note 4)
MTBF................................................................................ 2,212,456 hours
PHYSICAL SPECIFICATIONS
Weight ............................................................................................... 11 oz
Dimensions of Fixture .......................... 8.00(L) x 3.40(W) x 0.91(H) inches
Dimensions of DC/DC Converter..........................4.6(L) x 2.4(W) x 0.50(H)
Shielding of DC/DC Converter.......................................................six-sided
Due to advances in technology, specifications subject to change without notice
DESCRIPTION
The CMFA series consists of high-density full brick converters
that incorporate the desired features required in today’s
demanding low voltage bus applications. Its unique dual
interleaved phase-shifted topology minimizes both input and
output noise. When performance, reliability, and low cost are
needed, the CMFA series delivers.


Similar Part No. - CMFA12S5-300TH

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
CMFA10000F3380FANB LEIDITECH-CMFA10000F3380FANB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FANT LEIDITECH-CMFA10000F3380FANT Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FBNB LEIDITECH-CMFA10000F3380FBNB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FBNT LEIDITECH-CMFA10000F3380FBNT Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FCNB LEIDITECH-CMFA10000F3380FCNB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
More results

Similar Description - CMFA12S5-300TH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
DCSD-50 WALL-DCSD-50 Datasheet
220Kb / 3P
   50 Watt Single Output Chassis Mount DC/DC Converter
DCSD-25 WALL-DCSD-25 Datasheet
238Kb / 3P
   25 Watt Single Output Chassis Mount DC/DC Converter
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
   100 Watt Single Output Chassis Mount DC/DC Converter
CMYFW15 WALL-CMYFW15 Datasheet
244Kb / 3P
   15 Watt Single Output Chassis Mount DC/DC Converter
CMJRW WALL-CMJRW Datasheet
250Kb / 3P
   10 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Rev. B
CMYF-CMYFW WALL-CMYF-CMYFW Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPA50 CANDD-WPA50 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com