Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMFA12S43-250 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CMFA12S43-250
Description  Full Brick 250-300 Watt, Single Output Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMFA12S43-250 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CMFA12S43-250 Datasheet HTML 1Page - Wall Industries,Inc. CMFA12S43-250 Datasheet HTML 2Page - Wall Industries,Inc. CMFA12S43-250 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/13/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 3
CMFA Series
Full Brick
250-300 Watt, Single Output
Chassis Mount DC/DC Converter
Rev E
MECHANICAL DRAWING
Unit: inches [mm]
3.40 [86.4]
8.00 [203.2]
.000 [0.00]
3.500 [88.90]
7.000 [177.80]
2.875 [73.03]
.000 [0.00]
Ø.143 [3.6] MOUNTING HOLES 6X
GROUNDED 6-PLACES
Ø.28 [7.1] 6X
UNIT THRU HOLE Ø.125 [3.2] 6X REF
PCB THRU HOLE Ø.140 [3.6] 6X REF
TERMINAL SCREW .136 (NO:6)-32UNC 9X
+INPUT
SD
SYNC
-INPUT
+OUTPUT
+S
-S
-OUTPUT
TRIM
DATE CODE
SERIAL NO:
LABEL
.50 [12.7]
TO ORDER
1. Unit comes with either 6-32x.281 threaded thru
inserts for the chassis mount board or for
ø.125 thru-hole
for the chassis mount board add the suffix "TH" to the
model part number. Ex: CMFA12S24-300TH.
2. For Heat Sink Add “HS” suffix to model part number.
Ex: CMFA12S24-300HS


Similar Part No. - CMFA12S43-250

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
CMFA10000F3380FANB LEIDITECH-CMFA10000F3380FANB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FANT LEIDITECH-CMFA10000F3380FANT Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FBNB LEIDITECH-CMFA10000F3380FBNB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FBNT LEIDITECH-CMFA10000F3380FBNT Datasheet
2Mb / 7P
   Minature size, suitable for SMT
CMFA10000F3380FCNB LEIDITECH-CMFA10000F3380FCNB Datasheet
2Mb / 7P
   Minature size, suitable for SMT
More results

Similar Description - CMFA12S43-250

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
DCSD-50 WALL-DCSD-50 Datasheet
220Kb / 3P
   50 Watt Single Output Chassis Mount DC/DC Converter
DCSD-25 WALL-DCSD-25 Datasheet
238Kb / 3P
   25 Watt Single Output Chassis Mount DC/DC Converter
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
   100 Watt Single Output Chassis Mount DC/DC Converter
CMYFW15 WALL-CMYFW15 Datasheet
244Kb / 3P
   15 Watt Single Output Chassis Mount DC/DC Converter
CMJRW WALL-CMJRW Datasheet
250Kb / 3P
   10 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Rev. B
CMYF-CMYFW WALL-CMYF-CMYFW Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPA50 CANDD-WPA50 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com