Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRW Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CRW
Description  40 Watt DC/DC Power Converters Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CRW Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CRW Datasheet HTML 1Page - Wall Industries,Inc. CRW Datasheet HTML 2Page - Wall Industries,Inc. CRW Datasheet HTML 3Page - Wall Industries,Inc. CRW Datasheet HTML 4Page - Wall Industries,Inc. CRW Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev E
CRW SERIES
40 Watt
DC/DC Power Converters
Single and Dual Outputs
06/23/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
RECOMMENDED EMI FILTER
Suggested Schematic for EN55022 Conducted Emission Class A Limits
In order to meet conducted emissions EN55022 Class A the following components are needed.
In order to meet conducted emissions EN55022 Class A the following components are needed.
SINGLE OUTPUT MODELS
Model
C1
C2
C3
C4
C5, C6
L1
CRW24SXX-40
N/A
6.8µF/50V
1812 MLCC
N/A
6.8µF/50V
1812 MLCC
1000pF/2KV
1206 MLCC
2.2µH
SMD
Inductor
PMT-097
CRW48SXX-40
N/A
4.7µF/50V
1812 MLCC
N/A
4.7µF/50V
1812 MLCC
1000pF/2KV
1206 MLCC
10µH
SMD
Inductor
PMT-070
CRW110SXX-
40
Ruby-con
BXF series
68µF/200V
N/A
1µF/250V
1812 MLCC
1µF/250V
1812 MLCC
1000pF/2KV
1206 MLCC
22µH
SMD
Inductor
PMT-098
DUAL OUTPUT MODELS
Model
C1
C2
C3
C4
C5, C6
L1
CRW24DXX-40
N/A
6.8µF/50V
1812 MLCC
N/A
6.8µF/50V
1812 MLCC
1000pF/2KV
1206 MLCC
2.2µH
SMD
Inductor
PMT-097
CRW48DXX-40
N/A
4.7µF/50V
1812 MLCC
N/A
4.7µF/50V
1812 MLCC
1000pF/2KV
1206 MLCC
10µH
SMD
Inductor
PMT-070
CRW110DXX-
40
Ruby-con
BXF series
68µF/200V
N/A
1µF/250V
1812 MLCC
1µF/250V
1812 MLCC
1000pF/2KV
1206 MLCC
22µH
SMD
Inductor
PMT-098
MODEL NUMBER SETUP
CRW
48
S
05
-
40
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF
Heatsink
24: 9-36 VDC
S: Single Output
33: 3.3 VDC
33: 33 Watts
Blank: Positive Logic
Blank: No Heatsink
48: 18-75 VDC
05: 5 VDC
40: 40 Watts
R: Negative Logic
H: Heatsink
110: 43-160 VDC
12: 12 VDC
HC: Heatsink with clamp
15: 15 VDC
24: 24 VDC
D: Dual Output
12: ±12 VDC
15: ±15 VDC
24: ±24 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example
of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for
your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - CRW

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CRW WILLOW-CRW Datasheet
315Kb / 2P
   Power Chip Resistors
CRW1210 WILLOW-CRW1210 Datasheet
315Kb / 2P
   Power Chip Resistors
logo
Riedon Powertron
CRW1210 RIEDON-CRW1210 Datasheet
275Kb / 2P
   Power Chip Resistors
CRW1210 RIEDON-CRW1210_13 Datasheet
172Kb / 2P
   Power Chip Resistors
logo
Willow Technologies Ltd
CRW1216 WILLOW-CRW1216 Datasheet
315Kb / 2P
   Power Chip Resistors
More results

Similar Description - CRW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JR5S5-2000 WALL-JR5S5-2000_18 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
CR12S33-33 WALL-CR12S33-33 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Wall Industries,Inc.
LANE WALL-LANE_18 Datasheet
571Kb / 5P
   1 Watts DC/DC Power Converters Single and Dual Outputs
ZF12S1.5-6000 WALL-ZF12S1.5-6000 Datasheet
445Kb / 7P
   30 Watts DC/DC Power Converters Single and Dual Outputs
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com