Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDBW24S5-40 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CMDBW24S5-40
Description  40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDBW24S5-40 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CMDBW24S5-40 Datasheet HTML 1Page - Wall Industries,Inc. CMDBW24S5-40 Datasheet HTML 2Page - Wall Industries,Inc. CMDBW24S5-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDBW Series
40 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
MECHANICAL DRAWING
Unit: inches [mm]
4.00 [101.6]
.81 [20.6]
2.25 [57.2]
3.66 [93.0]
1.13 [28.6]
LABEL
.16 [4.06] 2X
MODEL NAME


Similar Part No. - CMDBW24S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.5-12 WALL-CMDB12S1.5-12 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.8-14 WALL-CMDB12S1.8-14 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S12-40 WALL-CMDB12S12-40 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S15-40 WALL-CMDB12S15-40 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
More results

Similar Description - CMDBW24S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
   20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com