Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDBW24S5-40 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMDBW24S5-40
Description  40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDBW24S5-40 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMDBW24S5-40 Datasheet HTML 1Page - Wall Industries,Inc. CMDBW24S5-40 Datasheet HTML 2Page - Wall Industries,Inc. CMDBW24S5-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDBW Series
40 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
FEATURES
● High Efficiency up to 88%
● RoHS Directive Compliant
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 40 Watts Maximum Output power
● 4:1 Ultra Wide Input Voltage Range
● Call Factory for More Output Power Options
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMDBW Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ........................ 9 - 36VDC
48V nominal input ...................... 18 - 75VDC
Under Voltage Lockout
24V nominal input........... DC-DC ON..........................................9 VDC
DC-DC OFF ........................................8 VDC
48V nominal input........... DC-DC ON........................................18 VDC
DC-DC OFF ......................................16 VDC
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ............... 24V input ...................50VDC
48V input .................100VDC
Input Reflected Ripple Current (nominal Vin and FL) ...................20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up..............................................................................20ms max.
Remote ON/OFF ..................................................................20ms max.
Remote ON/OFF (See Note 1)
Positive Logic ................ DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Negative Logic ............... DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Remote Off Input Current (nominal Vin) ..............................................3mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nom Vin and full load) ........................................... ±1%
Voltage Adjustability........................................................................... ±10%
Output Current ..............................................................................see table
Output Power ........................................................................ 40 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (min. load to 100% load)....................................... ±0.5%
Minimum Load ..............................................................................see table
Ripple/Noise (See Note 4) ............................................................see table
Transient Response Recovery Time..................................................250us
(25% load step change)
PROTECTION SPECIFICATIONS
Over Voltage Protection....................................3.3V Output ............... 3.9V
(Zener diode clamp)
5V Output .................. 6.2V
12V Output ................. 15V
15V Output ................. 18V
±12V Output ............. ±15V
±15V Output ............. ±18V
Over Load Protection (% of FL at nominal input)...................... 150% max.
Short Circuit Protection ....................................Hiccup, automatic recovery
Over Temperature Protection .................................................... 110°C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................300KHz typ.
Isolation Voltage
Input to Output ................................................................... 1600VDC min.
Input to Case ..................................................................... 1600VDC min.
Output to Case................................................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ............................................................. 1500pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature ............. -40°C to +55°C (without derating)
+55°C to +105°C (with derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ........................................................... +105°C
Relative Humidity...................................................................5% to 95% RH
Temperature Coefficient ................................................... ±0.02% / °C max.
Thermal Impedance (See Note 3)
Without Heat-Sink.............................................................. 9.2°C / Watt
With Heat-Sink..................................................................... 7.6°C/Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 2) ........Bellcore TR-NWT-000332............ 1.105 x 10
6 hrs
MIL-STD-217F ............................. 1.511 x 10
5 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter............................................... six – sided
Weight ............................................................................Approximately 7 oz
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY &EMC SPECIFICATIONS
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
Conducted Emissions................. EN55022 ...................................... Class A
Radiated Emissions.................... EN55022........................................... Class A
ESD ............................................ EN61000-4-2.....................Perf. Criteria B
Radiated Immunity...................... EN61000-4-3..................... Perf. Criteria A
Fast Transient............................. EN61000-4-4.....................Perf. Criteria B
Surge .......................................... EN61000-4-5.....................Perf. Criteria B
Conducted Immunity................... EN61000-4-6.................... Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
UL
TUV
CB
CE MARK


Similar Part No. - CMDBW24S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.5-12 WALL-CMDB12S1.5-12 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.8-14 WALL-CMDB12S1.8-14 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S12-40 WALL-CMDB12S12-40 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S15-40 WALL-CMDB12S15-40 Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
More results

Similar Description - CMDBW24S5-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
   20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com