Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH10G65C6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IDH10G65C6
Description  6th Generation CoolSiC?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH10G65C6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IDH10G65C6 Datasheet HTML 2Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 3Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 4Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 5Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 6Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 7Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 8Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 9Page - Infineon Technologies AG IDH10G65C6 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Final Datasheet
6
Rev. 2.0, 2017-05-23
6th Generation CoolSiCTM
IDH10G65C6
QC= f(diF/dt); Tj = 150 °C; VR= 400 V; IF ≤ IF,max
IR= f(VR); parameter: Tj
Figure 5
Typ. cap. charge vs. current slope
Figure 6
Typ. reverse current vs. reverse voltage
Zth,jc= f(tP); parameter: D = tP/T
C = f(VR); Tj= 25 °C; f = 1 MHz
Figure 7
Max. transient thermal
impedance
Figure 8
Typ. capacitance vs. reverse voltage


Similar Part No. - IDH10G65C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH10G65C5 INFINEON-IDH10G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDH10G65C5 INFINEON-IDH10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results

Similar Description - IDH10G65C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH08G65C6 INFINEON-IDH08G65C6 Datasheet
1,014Kb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDH12G65C6 INFINEON-IDH12G65C6 Datasheet
1Mb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDH06G65C6 INFINEON-IDH06G65C6 Datasheet
942Kb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDH20G65C6 INFINEON-IDH20G65C6 Datasheet
1Mb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDH04G65C6 INFINEON-IDH04G65C6 Datasheet
957Kb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDH16G65C6 INFINEON-IDH16G65C6 Datasheet
1,016Kb / 10P
   6th Generation CoolSiC?
Rev. 2.0, 2017-05-23
IDDD08G65C6 INFINEON-IDDD08G65C6 Datasheet
680Kb / 9P
   6th Generation CoolSiC??650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
IDDD20G65C6 INFINEON-IDDD20G65C6 Datasheet
652Kb / 9P
   6th Generation CoolSiC™ 650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
IDDD04G65C6 INFINEON-IDDD04G65C6 Datasheet
688Kb / 9P
   6th Generation CoolSiC™ 650V SiC Schottky Diode
Rev. 2.0, 2018-02-05
IDDD10G65C6 INFINEON-IDDD10G65C6 Datasheet
666Kb / 9P
   6th Generation CoolSiC™ 650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com