Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ3600S17K3-B2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. DZ3600S17K3-B2
Description  IGBT-Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 2 page
background image
2
TechnischeInformation/TechnicalInformation
DZ3600S17K3_B2
IGBT-Module
IGBT-modules
preparedby:WB
approvedby:PL
dateofpublication:2013-11-25
revision:2.2
VorläufigeDaten
PreliminaryData
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

4,0
 kV
MaterialModulgrundplatte
Materialofmodulebaseplate



AlSiC
 
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)


AlN
 
Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


32,2
32,2
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


19,1
19,1
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex

CTI

> 400
 
min.
typ.
max.
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proModul/permodule
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

6,00
K/kW
Modulstreuinduktivität
Strayinductancemodule

LsCE

10

nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RAA'+CC'

0,12

m
Lagertemperatur
Storagetemperature

Tstg
-40

125
°C
Anzugsdrehmomentf.Modulmontage
Mountingtorqueformodulmounting
SchraubeM6-Montagegem.gültigerApplikationsschrift
ScrewM6-Mountingaccordingtovalidapplicationnote
M
4,25
-
5,75
Nm
Anzugsdrehmomentf.elektr.Anschlüsse
Terminalconnectiontorque
SchraubeM4-Montagegem.gültigerApplikationsschrift
ScrewM4-Mountingaccordingtovalidapplicationnote
SchraubeM8-Montagegem.gültigerApplikationsschrift
ScrewM8-Mountingaccordingtovalidapplicationnote
M
1,8
8,0
-
-
2,1
10
Nm
Nm
Gewicht
Weight

G

1500

g




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl