Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ3600S17K3-B2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. DZ3600S17K3-B2
Description  IGBT-Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 3 page
background image
3
TechnischeInformation/TechnicalInformation
DZ3600S17K3_B2
IGBT-Module
IGBT-modules
preparedby:WB
approvedby:PL
dateofpublication:2013-11-25
revision:2.2
VorläufigeDaten
PreliminaryData
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
600
1200
1800
2400
3000
3600
4200
4800
5400
6000
6600
7200
Tvj = 25°C
Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=
Ω,VCE=900V
IF [A]
0
900
1800 2700 3600 4500 5400 6300 7200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
Erec, Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=3600A,VCE=900V
RG [
Ω]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
Erec, Tvj = 125°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
100
ZthJC : Diode
i:
ri[K/kW]:
τi[s]:
1
2,8
0,01
2
2,8
0,04
3
5,6
0,09
4
2,8
0,2




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl