Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ1070N26K Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # DZ1070N26K
Description  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ1070N26K Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button DZ1070N26K Datasheet HTML 2Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 3Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 4Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 5Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 6Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 7Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 8Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 9Page - Infineon Technologies AG DZ1070N26K Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DZ1070N26K
Date of Publication 2017-02-07
Revision 3.1
7/10
Seite/page
0
500
1000
1500
2000
0
200
400
600
800
1000
1200
1400
1600
1800
I
FAV [A]
120
 rec
180
 sin
180
 rec
DC
Θ = 60 rec
Durchlassverlustleistung je Zweig / On-state power loss per arm PFAV = f(IFAV)
Parameter: Stromflußwinkel / Current conduction angle
Θ
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
1400
1600
1800
I
FAVM [A]
DC
Θ = 60 rec
120
 rec
180
 rec
180
 sin
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(IFAVM)
Strombelastung je Zweig / Current load per arm
Berechungsgrundlage PTAV
Calculation base PTAV
Parameter: Stromflußwinkel
Θ / Current conduction angle Θ


Similar Part No. - DZ1070N26K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DZ1070N22K INFINEON-DZ1070N22K Datasheet
363Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
DZ1070N28K INFINEON-DZ1070N28K Datasheet
319Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
More results

Similar Description - DZ1070N26K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com