Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD200S33K2C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # DD200S33K2C
Description  IGBT-Modul
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD200S33K2C Datasheet(HTML) 4 Page - Infineon Technologies AG

  DD200S33K2C Datasheet HTML 1Page - Infineon Technologies AG DD200S33K2C Datasheet HTML 2Page - Infineon Technologies AG DD200S33K2C Datasheet HTML 3Page - Infineon Technologies AG DD200S33K2C Datasheet HTML 4Page - Infineon Technologies AG DD200S33K2C Datasheet HTML 5Page - Infineon Technologies AG DD200S33K2C Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TechnischeInformation/TechnicalInformation
DD200S33K2C
IGBT-Modul
IGBT-Module
preparedby:SB
approvedby:DTS
dateofpublication:2015-04-13
revision:V2.3
VorläufigeDaten
PreliminaryData
SichererArbeitsbereichDiode,Wechselrichter(SOA)
safeoperationareaDiode,Inverter(SOA)
IR=f(VR)
Tvj=125°C
VR [V]
0
500
1000
1500
2000
2500
3000
3500
0
50
100
150
200
250
300
350
400
450
500
IR, Modul


Similar Part No. - DD200S33K2C

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD200S33K2C EUPEC-DD200S33K2C Datasheet
168Kb / 5P
   IGBT-modules
More results

Similar Description - DD200S33K2C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD800S33K2C INFINEON-DD800S33K2C Datasheet
225Kb / 6P
   IGBT-Modul
2016-06-17 revision:V3.0
DD1200S12H4 INFINEON-DD1200S12H4 Datasheet
604Kb / 7P
   IGBT-Modul
2015-11-05 revision:V2.3
FZ1200R17HE4 INFINEON-FZ1200R17HE4 Datasheet
585Kb / 9P
   IGBT-Modul
2015-09-29 revision:V2.4
DD800S17H4-B2 INFINEON-DD800S17H4-B2 Datasheet
597Kb / 7P
   IGBT-Modul
2016-01-21 revision:V3.1
logo
eupec GmbH
DDB6U104N16RR EUPEC-DDB6U104N16RR Datasheet
83Kb / 12P
   Dioden-Modul mit Chopper-IGBT
logo
Infineon Technologies A...
DDB6U84N16RR INFINEON-DDB6U84N16RR Datasheet
227Kb / 4P
   Dioden-Modul mit Chopper-IGBT
rev.2
FF150R17ME3G INFINEON-FF150R17ME3G_13 Datasheet
485Kb / 8P
   EconoDUA3 Modul mit Trench/Feldstop IGBT und Emitter Controlled3 Diode
2013-10-03 revision:2.1
FF225R17ME3 INFINEON-FF225R17ME3_13 Datasheet
492Kb / 8P
   EconoDUAL3 Modul mit Trench/Feldstop IGBT und Emitter Controlled3 Diode
2013-10-03 revision:2.1
FF200R17KE3 INFINEON-FF200R17KE3 Datasheet
435Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT und Emitter ControlledDiode
2013-10-03 revision:2.1
DD1200S45KL3-B5 INFINEON-DD1200S45KL3-B5 Datasheet
415Kb / 7P
   hochisolierendes Modul
V3.1 2018-01-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com