Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4453 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # 4453
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

4453 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  4453 Datasheet HTML 1Page - Advanced Power Electronics Corp. 4453 Datasheet HTML 2Page - Advanced Power Electronics Corp. 4453 Datasheet HTML 3Page - Advanced Power Electronics Corp. 4453 Datasheet HTML 4Page - Advanced Power Electronics Corp. 4453 Datasheet HTML 5Page - Advanced Power Electronics Corp. 4453 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP4453J
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower Gate Charge
BVDSS
-30V
▼ Simple Drive Requirement
RDS(ON)
20mΩ
▼ Fast Switching Characteristic
ID
-29.5A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
3
mJ
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
4.8
/W
Rthj-a
110
/W
Data and specifications subject to change without notice
72
Drain Current, VGS @ 10V
-18.6
Maximum Thermal Resistance, Junction-ambient
-55 to 150
Parameter
Operating Junction Temperature Range
Thermal Data
Pulsed Drain Current
1
Storage Temperature Range
Halogen-Free Product
-100
1
26
-55 to 150
201611291
-29.5
Rating
-30
+20
Total Power Dissipation
3
1.13
Total Power Dissipation
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current, VGS @ 10V
AP4453 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The straight lead version TO-251 package is widely preferred for all
commercial-industrial through hole applications.
G
D
S
G
D S
TO-251(J)
.


Similar Part No. - 4453

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
4453 A-POWER-4453 Datasheet
74Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Turck, Inc.
44530 TURCK-44530 Datasheet
336Kb / 3P
   Inductive Sensor
11/07/2023
44532 TURCK-44532 Datasheet
339Kb / 3P
   Inductive Sensor
11/07/2023
logo
Extech Instruments Corp...
44533 EXTECH-44533 Datasheet
92Kb / 1P
   Humidity / Temperature Clock
44535 EXTECH-44535 Datasheet
94Kb / 1P
   Wall Mount Weather Station Clock
More results

Similar Description - 4453

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com