Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1821SH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # D1821SH
Description  Full blocking capability 50/60Hz over a wide temperature range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D1821SH Datasheet(HTML) 7 Page - Infineon Technologies AG

  D1821SH Datasheet HTML 1Page - Infineon Technologies AG D1821SH Datasheet HTML 2Page - Infineon Technologies AG D1821SH Datasheet HTML 3Page - Infineon Technologies AG D1821SH Datasheet HTML 4Page - Infineon Technologies AG D1821SH Datasheet HTML 5Page - Infineon Technologies AG D1821SH Datasheet HTML 6Page - Infineon Technologies AG D1821SH Datasheet HTML 7Page - Infineon Technologies AG D1821SH Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Schnelle beschaltungslose
Diode Fast Hard Drive Diode
Technische Information /
technical information
D1821SH
Revision: 2.7
Seite/page 7/8
Date of Publication: 2016-07-26
typ.
0
20
40
60
80
100
120
140
160
180
200
0
1000
2000
3000
4000
5000
6000
di
F/dt [A/µs]
Spitzenwert-Durchlassverzögerungsspannung / peak value forward recovery voltage VFRM =
f(diF/dt)
Tvj=Tvjmax, IFM = 4000A


Similar Part No. - D1821SH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1825 SANYO-D1825 Datasheet
127Kb / 4P
   Driver Applications
logo
Vishay Siliconix
D182K25Y5PF6.J5R VISHAY-D182K25Y5PF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D182K25Y5PF6.L2R VISHAY-D182K25Y5PF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D182K25Y5PH6.J5R VISHAY-D182K25Y5PH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D182K25Y5PH6.J5R VISHAY-D182K25Y5PH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D1821SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D911SH INFINEON-D911SH Datasheet
356Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-01-04 Revision: 10.1
D2201N INFINEON-D2201N Datasheet
223Kb / 7P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 7.1
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
D2700U INFINEON-D2700U Datasheet
335Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2017-03-27 Revision: 1.1
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
D931SH INFINEON-D931SH Datasheet
293Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2014-04-16 Revision: 8.0
D1301SH INFINEON-D1301SH Datasheet
273Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2016-07-26 Revision: 2.4
D1721NH INFINEON-D1721NH Datasheet
304Kb / 10P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 4.0
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com