Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1331SH Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # D1331SH
Description  Full blocking capability 50/60Hz over a wide temperature range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D1331SH Datasheet(HTML) 1 Page - Infineon Technologies AG

  D1331SH Datasheet HTML 1Page - Infineon Technologies AG D1331SH Datasheet HTML 2Page - Infineon Technologies AG D1331SH Datasheet HTML 3Page - Infineon Technologies AG D1331SH Datasheet HTML 4Page - Infineon Technologies AG D1331SH Datasheet HTML 5Page - Infineon Technologies AG D1331SH Datasheet HTML 6Page - Infineon Technologies AG D1331SH Datasheet HTML 7Page - Infineon Technologies AG D1331SH Datasheet HTML 8Page - Infineon Technologies AG D1331SH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Schnelle beschaltungslose Diode
Fast Hard Drive Diode
Technische Information /
technical information
D1331SH
Revision: 10.2
Seite/page 1/11
Date of Publication: 2015-04-01
enndaten
Key Parameters
VRRM
4500 V
IFAVM
1310 A (TC=85 °C)
3570A (TC=55°C)
IFSM
28000 A
VT0
2,13 V
rT
0,948
mΩ
RthJC
7,5 K/kW
Clamping Force
36
… 52 kN
Max. Diameter
121 mm
Contact Diameter
86 mm
Height
26 mm
For type designation please refer to actual
short form catalog
http://www.ifbip.com/catalog
Merkmale
Features
Volle Sperrfähigkeit 50/60Hz über einen weiten
Temperaturbereich
Full blocking capability 50/60Hz over a wide
temperature range
Hohe DC Sperrstabilität
High DC blocking stability
Hohe Stoßstrombelastbarkeit
High surge current capability
Hoher Gehäusebruchstrom
High case non-rupture current
Sanftes Ausschaltverhalten bei hohen
Stromsteilheiten
Soft turn-off behavior at high turn-off di/dt
Typische Anwendungen
Typical Applications
Mittelspannungsumrichter
Medium voltage converters
Freilaufdiode für IGCT - Applikationen
Freewheeling Diode for IGCT - applications
Freilaufdiode für IGBT - Applikationen
Freewheeling Diode for IGBT - applications
Pulsed Power - Applikationen
Pulsed power applications
content of customer DMX code
DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class (optional)
23..26
4
QR class (optional)
27..30
4
www.ifbip.com
support@infineon-bip.com
1
2


Similar Part No. - D1331SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D1331SH EUPEC-D1331SH Datasheet
219Kb / 10P
   Schnelle beschaltungslose Diode Fast Hard Drive Diode
More results

Similar Description - D1331SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D911SH INFINEON-D911SH Datasheet
356Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-01-04 Revision: 10.1
D2201N INFINEON-D2201N Datasheet
223Kb / 7P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 7.1
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
D2700U INFINEON-D2700U Datasheet
335Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2017-03-27 Revision: 1.1
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
D931SH INFINEON-D931SH Datasheet
293Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2014-04-16 Revision: 8.0
D1301SH INFINEON-D1301SH Datasheet
273Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2016-07-26 Revision: 2.4
D1721NH INFINEON-D1721NH Datasheet
304Kb / 10P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 4.0
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com