Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC904 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC904
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC904 Datasheet HTML 10Page - NXP Semiconductors P89LPC904 Datasheet HTML 11Page - NXP Semiconductors P89LPC904 Datasheet HTML 12Page - NXP Semiconductors P89LPC904 Datasheet HTML 13Page - NXP Semiconductors P89LPC904 Datasheet HTML 14Page - NXP Semiconductors P89LPC904 Datasheet HTML 15Page - NXP Semiconductors P89LPC904 Datasheet HTML 16Page - NXP Semiconductors P89LPC904 Datasheet HTML 17Page - NXP Semiconductors P89LPC904 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
Preliminary data
Rev. 02 — 25 June 2004
14 of 41
9397 750 13521
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.5 External clock input option
In this configuration, the processor clock is derived from an external source driving
the P0.5/CMPREF/CLKIN pin. The rate may be from 0 Hz up to 12 MHz. The
P0.5/CMPREF/CLKIN pin may also be used as a standard port pin.
Fig 4.
Block diagram of oscillator control.
÷2
002aaa782
RTC
CPU
WDT
DIVM
CCLK
OSCCLK
PCLK
TIMERS 0 & 1
WATCHDOG
OSCILLATOR
RC
OSCILLATOR
(7.3728 MHz)
(400 kHz)
BAUD RATE
GENERATOR
UART
clkin
ADC1/
DAC1


Similar Part No. - P89LPC904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC901FD PHILIPS-P89LPC901FD Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC901FN PHILIPS-P89LPC901FN Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC902 PHILIPS-P89LPC902 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC902FD PHILIPS-P89LPC902FD Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
More results

Similar Description - P89LPC904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC915 PHILIPS-P89LPC915 Datasheet
344Kb / 72P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com