Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D711N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # D711N
Description  Full blocking capability 50/60Hz over a wide temperature range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D711N Datasheet(HTML) 2 Page - Infineon Technologies AG

  D711N Datasheet HTML 1Page - Infineon Technologies AG D711N Datasheet HTML 2Page - Infineon Technologies AG D711N Datasheet HTML 3Page - Infineon Technologies AG D711N Datasheet HTML 4Page - Infineon Technologies AG D711N Datasheet HTML 5Page - Infineon Technologies AG D711N Datasheet HTML 6Page - Infineon Technologies AG D711N Datasheet HTML 7Page - Infineon Technologies AG D711N Datasheet HTML 8Page - Infineon Technologies AG D711N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Netz-Gleichrichterdiode
Rectifier Diode
Technische Information /
technical information
D711N
Date of Publication: 2014-06-01
Revision: 8.1
Seite/page 2/9
Kenndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Rückwärts-Spitzensperrspannung
repetitive peak reverse voltage
Tvj = -40°C... Tvj max
VRRM
5800
6500
6000
6800
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
TC = 100 °C
IFRMSM
1200 A
Dauergrenzstrom
average on-state current
TC = 100 °C
TC = 85 °C
TC = 55 °C
IFAVM
770
880
1070
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
12500
10500
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
780
550
10³ A²s
10³ A²s
Spitzensperrverlustleistung
Surge reverse power dissipation
Tvj = 25 °C, tP = 20 µs
Tvj = Tvj max, tP = 20 µs
PRSM
80
90
10³ W
10³ W
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 1200 A
vF
typ.
max.
1,77
1,9
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
0,79
0,84
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
0,81
0,87
m
Ω
m
Ω
Durchlaßkennlinie
200A
 i
F  1600A
O-state characteristic
Tvj = Tvj max
typ.
A 0,7
B 0,000438
C -0,038
D 0,0234
max.
A 0,749
B 0,000469
C -0,04065
D 0,025
Rückwärts-Sperrstrom
reverse current
Tvj = Tvj max, vR = VRRM
iR
max.
50 mA
prepared by:
TM
date of publication:
2014-06-01
approved by:
JP
revision:
8.1
F
F
F
F
i
D
1)
i
(
Ln
C
i
B
A
v


Similar Part No. - D711N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D711N EUPEC-D711N Datasheet
231Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
More results

Similar Description - D711N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D911SH INFINEON-D911SH Datasheet
356Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-01-04 Revision: 10.1
D2201N INFINEON-D2201N Datasheet
223Kb / 7P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 7.1
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
D2700U INFINEON-D2700U Datasheet
335Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2017-03-27 Revision: 1.1
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
D931SH INFINEON-D931SH Datasheet
293Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2014-04-16 Revision: 8.0
D1301SH INFINEON-D1301SH Datasheet
273Kb / 8P
   Full blocking capability 50/60Hz over a wide temperature range
2016-07-26 Revision: 2.4
D1721NH INFINEON-D1721NH Datasheet
304Kb / 10P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 4.0
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com