Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBDSC3650-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBDSC3650-G
Description  Silicon Carbide Power Schottky Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBDSC3650-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBDSC3650-G Datasheet HTML 1Page - Comchip Technology CDBDSC3650-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
QW-BSCXX
REV:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Unit
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Total capacitive charge
Total capacitance
nC
pF
Conditions
QC
C
220
181
Parameter
Max.
Symbol
Min.
Forward voltage
VF
IF = 3A, Tj = 25°C
V
1.7
2.5
IF = 3A, Tj = 175°C
Typ.
1.4
1.8
Reverse current
μA
IR
200
VR = 650V, Tj = 25°C
VR = 650V, Tj = 175°C
100
20
10
VR = 400V, Tj = 150°C
QC = ∫
C(V) dv
VR
0
11
VR = 0V, Tj = 25°C, f = 1MHZ
VR = 200V, Tj = 25°C, f = 1MHZ
VR = 400V, Tj=25°C, f=1MHZ
25
22.5
21
20.5
RATING AND CHARACTERISTIC CURVES (CDBDSC3650-G)
Silicon Carbide Power Schottky Diode
Reverse Voltage, VR (V)
Fig.4 - Capacitance vs. Reverse Voltage
40
80
100
200
0
160
0.01
0.1
1
10
100
1000
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
4
6
2.0
0
1.5
2.5
0.5
2
3
5
1.0
TJ=25°C
TJ=75°C
T =125°C
J
T =175°C
J
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
0
0.010
0.040
0
200
400
800
0.020
0.030
100
300
600
500
700
0.015
0.025
0.035
0.005
T =175°C
J
T =125°C
J
TJ=25°C
TJ=75°C
20
60
120
140
180
Case Tempature, TC (°C)
Fig.3 - Current Derating
150
175
75
125
40
35
30
10
0
50
100
25
25
20
15
5
10% Duty
30% Duty
50% Duty
70% Duty
DC


Similar Part No. - CDBDSC3650-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBDSC10650-G COMCHIP-CDBDSC10650-G Datasheet
92Kb / 2P
   Silicon Carbide Power Schottky Diode
CDBDSC51200-G COMCHIP-CDBDSC51200-G Datasheet
118Kb / 4P
   Silicon Carbide Power Schottky Diode
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
   Silicon Carbide Power Schottky Diode
CDBDSC8650-G COMCHIP-CDBDSC8650-G Datasheet
91Kb / 2P
   Silicon Carbide Power Schottky Diode
More results

Similar Description - CDBDSC3650-G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
   Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
   Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
   Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
   Silicon Carbide Power Schottky Diode
CDBJSC101700-G COMCHIP-CDBJSC101700-G Datasheet
103Kb / 2P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBJFSC5650-G COMCHIP-CDBJFSC5650-G Datasheet
113Kb / 3P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
   Silicon Carbide Power Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com