Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF403-IC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NRF403-IC
Description  315/433 MHz Single Chip RF Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF403-IC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NRF403-IC Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF403-IC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PRODUCT SPECIFICATION
nRF403 Single Chip RF Transceiver
Nordic VLSI ASA -
Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.1
Page 5 of 18
July 2001
IMPORTANT TIMING DATA
Timing information
The timing information for the different operations is summarised in Table 5.
(TX is transmit mode, RX is receive mode and Std.by is Standby mode.)
Change of Mode
Name
Max Delay
Condition
TX
è RX
tTR
3ms
RX
è TX
tRT
1ms
Std.by
è TX
tST
2ms
Std.by
è RX
tSR
3ms
Operational
mode
VDD=0 è TX
tVT
4ms
VDD =0 è RX
tVR
5ms
Start-up
Table 5 Switching times for nRF403.
Switching TX
↔ RX (operational mode).
When switching from RX-mode to TX-mode data (DIN) may not be sent before the
TXEN-input has been high for at least 1ms, see Figure 4(a).
When switching from TX-mode to RX-mode the receiver may not receive data
(DOUT) before the TXEN-input has been low for at least 3ms, see Figure 4(b).
PWR_UP
VDD
TXEN
DIN
0
2
4
ms
1ms
RX to TX
PWR_UP
VDD
TXEN
DOUT
0
2
4
ms
3ms
TX to RX
(a)
(b)
Figure 4. Timing diagram for nRF403for switching from RX to TX (a)
and TX to RX (b).
Switching between standby and RX-mode (operational mode).
The time from the PWR_UP input is set to “1”, until the data (DOUT) is valid is tSR,,
see Table 5. Worst case tSR is 3ms for nRF403 as can be seen in Figure 5 (a).
Switching between standby and TX-mode (operational mode).
The time from the PWR_UP input is set to “1”, until the synthesised frequency is
stable is tST, see Table 5.


Similar Part No. - NRF403-IC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF401-EVKIT ETC-NRF401-EVKIT Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF401-IC ETC-NRF401-IC Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
More results

Similar Description - NRF403-IC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
logo
Nordic Semiconductor
NRF905 NORDIC-NRF905 Datasheet
690Kb / 41P
   Single chip 433/868/915MHz Transceiver
April 2008
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
   315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
Abracon Corporation
ACAG1204-433-T ABRACON-ACAG1204-433-T Datasheet
2Mb / 6P
   433 MHz Ceramic Chip Antenna
07.29.2019
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com