Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-1144 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # ST-1144
Description  High performance USB smart card reader
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

ST-1144 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  ST-1144 Datasheet HTML 1Page - Cherry Semiconductor Corporation ST-1144 Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model: ST-1144 Smart Card Reader
Product name
Part Number
Packaging
SmartTerminal ST-1144
ST-1144UB
White box
Cherry Americas, LLC
11200 88th Avenue
Pleasant Prairie, WI 53158
USA
Phone:
262.942.6508
Internet: www.cherryamericas.com
E-Mail:
CEP_sales@zf.com
The manufacturer accepts no liability for errors or non-availability, and reserves
the right to change specifications without prior notice. Technical data relates to
product specifications only. Features may differ from those described. Only
drawings combined with product specifications shall be deemed binding.
© 2016 Cherry Americas, LLC, Last update: September 8, 2016
Warranty
 2 years
Technical Data Continued:
Smartcard-Reader:
 Hardware interface: USB
 Agency Approvals: EMV 2000 Level 1
 Chip-card protocols: T=0, T=1, S=8, S=9, S=10
 Contact: mechanical swipe reader
 Software interface: CT-Api, PC/SC, CCID
 Mating cycles: approx. 100,000 operations
 Compatible chip card types: Reads and writes on all
5V, 3V and 1.8V Smart Cards 7816 Class A, B and C
cards
 Transmission speed reader  card: 412,903 Bits/s
 Transmission speed reader  system: max 12
MBit/s
 Chip card pulse frequency: 4.8 MHz
Errors, technical changes and delivery possibilities excepted.
Technical information refers only to the specifications of the
products. Features may differ from the information provided.


Similar Part No. - ST-1144

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results

Similar Description - ST-1144

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com