Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3B16224 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI3B16224
Description  DeMux/Mux NanoSwitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16224 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16224 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16224 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PS8181E
09/10/04
PI3B16224
3.3V, 12-Bit to 24-Bit
DeMux/Mux NanoSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay
of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction
with the load on the driven side.
3. See test circuit and waveforms.
Notes:
1. Typical values are shown at VCC = 3.3V, +25°C ambient and maximum loading.
Switching Electrical Characteristics(TA = –40ºC to +85ºC, VCC= 3.0 to 3.6V)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
h
g
i
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
w
o
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
;
.
x
a
M
=
N
I
V
=
C
C
1
±
A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
;
.
x
a
M
=
N
I
=D
N
G1
±
I
H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0
B
,
A
≤ V C
C
1
±
V K
I
e
g
a
t
l
o
V
e
d
o
i
D
p
m
a
l
CV C
C
I
,
n
i
M
=
N
I
A
m
8
1
=7
.
0
–2
.
1
V
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
SV C
C
V
,
.
n
i
M
=
N
I
I
,
V
0
.
0
=
N
O
A
m
2
1
=5
8
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
SV C
C
V
,
.
n
i
M
=
N
I
I
,
V
4
.
2
=
N
O
A
m
2
1
=0
15
1
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IV N
I
z
H
M
1
=
f
,
C
°
5
2
,
V
0
=0
.
3
F
p
C N
O
e
c
n
a
t
i
c
a
p
a
C
B
/
AV N
I
z
H
M
1
=
f
,
C
°
5
2
,
V
0
=0
.
5
2
I C
C
t
n
e
c
s
e
i
u
Q
y
l
p
p
u
S
r
e
w
o
P
0
1
A
µ
DC Electrical Characteristics (Over the Operating Range, TA = –40ºC to +85ºC, VCC = 3.0 to 3.6V)
Storage Temperature Range, TSTG ......................................... –65ºC to +150ºC
Ambient Temperature with Power Applied ..................... –40ºC to +85ºC
Supply Voltage Range, to Ground Potential .................... –0.5V to +4.6V
Input Voltage Range .......................................................... –0.5V to +4.6V
DC Output Current ......................................................................... 120mA
Power Dissipation ............................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
4
2
2
6
1
B
3
I
P
s
t
i
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
x
B
x
o
t
x
A
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
PCL
R
,
F
p
0
5
=
L
s
m
h
o
0
0
5
=
)
3
,
2
,
1
(
–0
5
2s
p
t E
P
e
l
b
a
n
E
s
u
B
CL
R
,
F
p
0
5
=
L
s
m
h
o
0
0
5
=
)
3
(
15
.
4
s
n
t D
P
e
l
b
a
s
i
D
s
u
B
10
.
5
tM
e
m
i
t
k
a
e
r
b
-
e
r
o
f
e
b
-
e
k
a
MCL
R
,
F
p
0
5
=
L
s
m
h
o
0
0
5
=
)
1
(
02


Similar Part No. - PI3B16224

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B162245 PERICOM-PI3B162245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16224B PERICOM-PI3B16224B Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16224BE PERICOM-PI3B16224BE Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
More results

Similar Description - PI3B16224

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
Diodes Incorporated
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
Diodes Incorporated
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz