Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86108A-100 Datasheet(PDF) 10 Page - Keysight Technologies

Part # 86108A-100
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86108A-100 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button 86108A-100 Datasheet HTML 6Page - Keysight Technologies 86108A-100 Datasheet HTML 7Page - Keysight Technologies 86108A-100 Datasheet HTML 8Page - Keysight Technologies 86108A-100 Datasheet HTML 9Page - Keysight Technologies 86108A-100 Datasheet HTML 10Page - Keysight Technologies 86108A-100 Datasheet HTML 11Page - Keysight Technologies 86108A-100 Datasheet HTML 12Page - Keysight Technologies 86108A-100 Datasheet HTML 13Page - Keysight Technologies 86108A-100 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
1. Module has receptacle to supply power for external probe.
2. This module is not compatible with the 86100A and 86100B Digital Communication Analyzer (DCA)
mainframes. If you would like to upgrade older DCA’s contact Keysight Technologies and ask for
current trade-in deals.
3. The 86108A/B uses all module slots and includes internal clock recovery and precision timebase
capabilities.
4. Requires 86100D mainframe (not compatible with 86100A/B/C).
86100 family plug-in module matrix (Continued)
The 86100 has a family of plug-in modules designed for a broad
range of precision optical, electrical, and TDR/TDT measure-
ments. The 86100D can accommodate up to 4 modules for a total
of 16 measurement channels.
Modules Selection Table (Continued)
54754A
0
2
18
86108A 3, 4
0
2
32
86108B 3, 4
LBW
0
2
35
HBW
0
2
50
86112A
0
2
20
HBW
0
2
30
86118A
0
2
70
N1045A 4
02F/02M
0
2
60
N1045A 4
04F/04M
0
4
60
N1046A 4
71F
0
1
75
N1046A 4
81F
0
1
85
N1046A 4
11F
0
1
100
N1046A 4
72F
0
2
75
N1046A 4
82F
0
2
85
N1046A 4
12F
0
2
100
N1046A 4
74F
0
4
75
N1046A 4
84F
0
4
85
N1046A 4
14F
0
4
100
N1055A 4
32F/32M
0
2
35
N1055A 4
34F/34M
0
4
35
N1055A 4
52F/52M
0
2
50
N1055A 4
54F/54M
0
4
50


Similar Part No. - 86108A-100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86108A HP-86108A Datasheet
297Kb / 2P
   Waveform Analyzer
More results

Similar Description - 86108A-100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com