Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86108B-300 Datasheet(PDF) 6 Page - Keysight Technologies

Part # 86108B-300
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86108B-300 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 86108B-300 Datasheet HTML 2Page - Keysight Technologies 86108B-300 Datasheet HTML 3Page - Keysight Technologies 86108B-300 Datasheet HTML 4Page - Keysight Technologies 86108B-300 Datasheet HTML 5Page - Keysight Technologies 86108B-300 Datasheet HTML 6Page - Keysight Technologies 86108B-300 Datasheet HTML 7Page - Keysight Technologies 86108B-300 Datasheet HTML 8Page - Keysight Technologies 86108B-300 Datasheet HTML 9Page - Keysight Technologies 86108B-300 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
06 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Mainframe specifications (Continued)
86100D with option STR
86100D with option ETR or with options ETR + PTB
External divided trigger (AC coupled) Not available with option STR
Input frequency range
N/A
50 MHz - 13 GHz (effective divide by 2)
50 MHz - 15 GHz (characteristic)
Option PTB: 50 MHz - 32 GHz (effective divide by 1)
Pattern lock frequency range
N/A
50 MHz - 13 GHz
50 MHz - 15 GHz (characteristic)
Option PTB: 50 MHz - 32 GHz
Pattern lock pattern length range
N/A
1 to 2^23 UI in Scope and Eye/Mask Modes
1 to 2^16 UI in Jitter Mode
Trigger sensitivity
N/A
Slew rate > 2 V/ns:
200 mVpp
Maximum input signal
N/A
Max Trigger input: 2 Vpp
Option PTB: Max PTB Input: 1.3 Vpp with DC offset up
to + 200 mV
System jitter
N/A
Tested at 10 GHz, 200 mVpp
1.2 ps rms for time delays less than 100 ns, (Maximum)
750 fs rms at minimum delay setting, (characteristic)
Option PTB when PTB is enabled:
Condition 1: 2.4 GHz — < 4.0 GHz trigger, tested at
2.4 GHz, 750 mVpp
≤ 200 fs (characteristic)
< 400 fs, with 54XXX, 8348X, or N1045A (non Option
LOJ) module (characteristic)
Condition 1: 4 GHz — 9.0 GHz trigger, tested at 5 GHz,
750 mVpp
≤ 120 fs (characteristic)
< 400 fs, with 54XXX, 8348X, or N1045A (non Option
LOJ) module (characteristic)
Condition 1: > 9.0 GHz — 44.0 GHz trigger, tested at 10,
20, and 40 GHz, 500 mVpp
≤ 90 fs (characteristic)
< 200 fs, with 54XXX, 8348X, or N1045A
(non Option LOJ) module(characteristic)
Inputs
Trigger input connector
2.92 mm (male)4
2.92 mm (male)4
Option PTB: PTB input: 2.92 mm (male)4
Trigger input nominal impedance
50Ω
50 Ω
Option PTB: PTB input: 50 Ω
Specifications (Continued)
1. The internal precision timebase works with typical digital clock signals, such as a BERT output, as well as sine waves. If the rise time or fall time of the
clock signal is less than 15% of the period of the clock (for example, less than 15 ps for a 10 GHz clock), reduce the edge speed by using an external
low-pass filter. or length of cable. For the lowest jitter, use a signal that is as close as possible to the maximum signal amplitude (1.3 Vpp) and minimize any
sub-harmonics.
2. High Sensitivity Hysteresis mode improves the high frequency trigger sensitivity but is not recommended when using noisy, low frequency signals that may
result in false triggers without normal hysteresis enabled.
3. Module triggering enables precision waveform analyzer modules (86108), clock recovery modules (83496) and TDR modules to be used as a trigger source.
Without support for module triggering, external connections between the module and the mainframe may be required.
4. 86100D mainframes ship with a 2.92mm (f) to (f) adapter for this port.


Similar Part No. - 86108B-300

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - 86108B-300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com