Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMD20W-24S12DN Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCMD20W-24S12DN
Description  20 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMD20W-24S12DN Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCMD20W-24S12DN Datasheet HTML 1Page - Wall Industries,Inc. DCMD20W-24S12DN Datasheet HTML 2Page - Wall Industries,Inc. DCMD20W-24S12DN Datasheet HTML 3Page - Wall Industries,Inc. DCMD20W-24S12DN Datasheet HTML 4Page - Wall Industries,Inc. DCMD20W-24S12DN Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev A
DCMD20W SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/12/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
DCMD
20
W
-
48
S
05
U
N
Series Name
Output Power
Input Range
Input Voltage
Output Quantity Ouptut Voltage
Assembly Option
Remote Control Option
20: 20 Watts
4:1
24: 9.5~36VDC
S: Single
33: 3.3VDC
U: U-Chassis
None: Positive Logic
48: 18~75VDC
05: 5VDC
C: Enclosed
N: Negative Logic
12: 12VDC
D: DIN Rail
15: 15VDC
ED: Enclosed & DIN Rail
D: Dual
05: ±5VDC
12: ±12VDC
15: ±15VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCMD20W-24S12DN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMD21CA4PJK87 ITT-DCMD21CA4PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4PVK87 ITT-DCMD21CA4PVK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SJA197 ITT-DCMD21CA4SJA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SVA197 ITT-DCMD21CA4SVA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD25C3PJK87 ITT-DCMD25C3PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DCMD20W-24S12DN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
JFCW20 WALL-JFCW20 Datasheet
609Kb / 9P
   20 Watts DC/DC Power Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com