Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMD20W-48D33DN Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMD20W-48D33DN
Description  20 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMD20W-48D33DN Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMD20W-48D33DN Datasheet HTML 1Page - Wall Industries,Inc. DCMD20W-48D33DN Datasheet HTML 2Page - Wall Industries,Inc. DCMD20W-48D33DN Datasheet HTML 3Page - Wall Industries,Inc. DCMD20W-48D33DN Datasheet HTML 4Page - Wall Industries,Inc. DCMD20W-48D33DN Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
DCMD20W SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/12/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Chassis Mounting Type
Pin Connection
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
Ctrl
Ctrl
4
NC
NC
5
-Vout
-Vout
6
+Vout
Common
7
NC
+Vout
NC: No Connection
Screw Terminals- wire range from 14 to 18 AWG
NOTES:
1. All dimensions in Inch (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
3. Tolerance: X.XXX±0.01 (X.XX±0.25)
4. Hole Screw Locked Torque:
MAX 5.0kgf-cm (0.49N-m)
5. Terminal Screw Locked Torque:
MAX 2.5kgf-cm (0.25N-m)
Enclosed Mounting Type
DIN Rail Mounting Type


Similar Part No. - DCMD20W-48D33DN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMD21CA4PJK87 ITT-DCMD21CA4PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4PVK87 ITT-DCMD21CA4PVK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SJA197 ITT-DCMD21CA4SJA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD21CA4SVA197 ITT-DCMD21CA4SVA197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCMD25C3PJK87 ITT-DCMD25C3PJK87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DCMD20W-48D33DN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
JFCW20 WALL-JFCW20 Datasheet
609Kb / 9P
   20 Watts DC/DC Power Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com