Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86105C-193 Datasheet(PDF) 8 Page - Keysight Technologies

Part # 86105C-193
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86105C-193 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 86105C-193 Datasheet HTML 4Page - Keysight Technologies 86105C-193 Datasheet HTML 5Page - Keysight Technologies 86105C-193 Datasheet HTML 6Page - Keysight Technologies 86105C-193 Datasheet HTML 7Page - Keysight Technologies 86105C-193 Datasheet HTML 8Page - Keysight Technologies 86105C-193 Datasheet HTML 9Page - Keysight Technologies 86105C-193 Datasheet HTML 10Page - Keysight Technologies 86105C-193 Datasheet HTML 11Page - Keysight Technologies 86105C-193 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
08 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Precision time base 86108A/B
86108A
86108B-LBW
86108B-HBW
Typical jitter (clock recovery (CR) and precision timebase (PTB) configuration)
< 60 fs
< 60 fs
< 50 fs
Maximum jitter (clock recovery and precision timebase configuration) 1
< 90 fs
< 90 fs
< 70 fs
Typical jitter (clock recovery without precision timebase active)
< 1.25 ps
< 1.25 ps
< 1.25 ps
Effective trigger-to-sample delay (CR and PTB configuration, typical)
< 200 ps
< 200 ps
< 200 ps
Typical jitter (trigger signal applied to precision timebase input)
< 60 fs
< 60 fs
< 60 fs
Maximum jitter (trigger signal supplied to precision timebase input) 1
< 100 fs
< 100 fs
< 100 fs
Precision timebase trigger bandwidth
2 to 13.5 GHz
(1 to 17 GHz)
1 to 18 GHz
1 to 18 GHz
Precision timebase external reference amplitude characteristic
1.0 to 1.6 Vpp
1.0 to 1.6 Vpp
1.0 to 1.6 Vpp
Precision timebase input signal type 2
Sinusoid
Sinusoid
Sinusoid
Precision timebase maximum input level
± 2 V (16 dBm)
± 2 V (16 dBm)
± 2 V (16 dBm)
Precision timebase maximum DC offset level
± 200 mV
± 200 mV
± 200 mV
Precision timebase input impedance
50 Ω
50 Ω
50 Ω
Precision timebase connector type 3
3.5 mm male
3.5 mm male
3.5 mm male
Timebase resolution (with precision timebase active)
0.5 ps/div
0.5 ps/div
0.5 ps/div
Timebase resolution (precision timebase disabled)
2 ps/div
2 ps/div
2 ps/div
1. Verified with maximum level input signal (~800 mVpp)
2. The precision timebase performs optimally with a sinusoidal input. Non-sinusoidal signals will operate with some degradation in timebase linearity.
3. 86108B-LBW are shipped with a 3.5 mm (female) to 3.5 mm (female) connector saver on the input channels (P/N 5061-5311). The 86108B-HBW is shipped
with 2.4 mm female to 2.4 mm female connector savers on the input channels.
Precision time base (86108 configurations)
The 86108 has an integrated precision timebase within the plug-in module. The 86108A/B can be triggered through clock recovery of
the observed signal, through an external reference clock into the precision timebase section, or with the precision timebase operating
on the clock signal recovered from the observed signal. The following specifications indicate the 86100 system timebase specifications
achieved when using the 86108A/B plug-in module. (The 86100 mainframe and the 86108A/B module can also be triggered with
a signal into the mainframe. In this configuration, the basic mainframe specifications are achieved.) If the 86108A/B is placed in a
mainframe that has an integrated precision timebase (86100D-PTB), the integrated mainframe precision timebase is disabled.
Specifications (Continued)


Similar Part No. - 86105C-193

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86105C-193 KEYSIGHT-86105C-193 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - 86105C-193

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86100C HP-86100C Datasheet
931Kb / 32P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com